| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC855T bảng dữ liệu(PDF) 72 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC855T bảng dữ liệu(HTML) 72 Page - Freescale Semiconductor, Inc |
|
72 / 80 page ![]() MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8 72 Freescale Semiconductor Mechanical Data and Ordering Information Sample KMPC855TZQ80D4 KMPC860DEZQ80D4 KMPC860DTZQ80D4 KMPC860ENZQ80D4 KMPC860SRZQ80D4 KMPC860TZQ80D4 KMPC860DPZQ80D4 KMPC860PZQ80D4 Ball grid array (CZP suffix) CZP suffix—leaded CZQ suffix—leaded CVR suffix—lead-free are available as needed 50 –40 ° to 95°C ZP/ZQ1 MPC855TCZQ50D4 MPC860DECZQ50D4 MPC860DTCZQ50D4 MPC860ENCZQ50D4 MPC860SRCZQ50D4 MPC860TCZQ50D4 MPC860DPCZQ50D4 MPC860PCZQ50D4 Tape and Reel MPC855TCZQ50D4R2 66 –40 ° to 95°C ZP/ZQ1 MPC855TCZQ66D4 MPC860ENCZQ66D4 MPC860SRCZQ66D4 MPC860TCZQ66D4 MPC860DPCZQ66D4 MPC860PCZQ66D4 1 The ZP package is no longer recommended for use. The ZQ package replaces the ZP package. Table 34. MPC860 Family Package/Frequency Availability (continued) Package Type Freq. (MHz) / Temp. (Tj) Package Order Number |