| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC860EN bảng dữ liệu(PDF) 71 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC860EN bảng dữ liệu(HTML) 71 Page - Freescale Semiconductor, Inc |
|
71 / 80 page ![]() MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8 Freescale Semiconductor 71 Mechanical Data and Ordering Information Table 34 identifies the packages and operating frequencies available for the MPC860. Table 34. MPC860 Family Package/Frequency Availability Package Type Freq. (MHz) / Temp. (Tj) Package Order Number Ball grid array ZP suffix—leaded ZQ suffix—leaded VR suffix—lead-free are available as needed 50 0 ° to 95°C ZP/ZQ1 MPC855TZQ50D4 MPC860DEZQ50D4 MPC860DTZQ50D4 MPC860ENZQ50D4 MPC860SRZQ50D4 MPC860TZQ50D4 MPC860DPZQ50D4 MPC860PZQ50D4 Tape and Reel MPC855TZQ50D4R2 MPC860DEZQ50D4R2 MPC860ENZQ50D4R2 MPC860SRZQ50D4R2 MPC860TZQ50D4R2 MPC860DPZQ50D4R2 Sample KMPC855TZQ50D4 KMPC860DEZQ50D4 KMPC860DTZQ50D4 KMPC860TZQ50D4 KMPC860SRZQ50D4 66 0 ° to 95°C ZP/ZQ1 MPC855TZQ66D4 MPC860DEZQ66D4 MPC860DTZQ66D4 MPC860ENZQ66D4 MPC860SRZQ66D4 MPC860TZQ66D4 MPC860DPZQ66D4 MPC860PZQ66D4 Tape and Reel MPC860SRZQ66D4R2 MPC860PZQ66D4R2 Sample KMPC855TZQ66D4 KMPC860SRZQ66D4 KMPC860TZQ66D4 KMPC860ENZQ66D4 KMPC860PZQ66D4 80 0 ° to 95°C ZP/ZQ1 MPC855TZQ80D4 MPC860DEZQ80D4 MPC860DTZQ80D4 MPC860ENZQ80D4 MPC860SRZQ80D4 MPC860TZQ80D4 MPC860DPZQ80D4 MPC860PZQ80D4 Tape and Reel MPC860PZQ80D4R2 |