công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AX-396 bảng dữ liệu(PDF) 19 Page - YAMAHA CORPORATION

tên linh kiện AX-396
Giải thích chi tiết về linh kiện  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAHA [YAMAHA CORPORATION]
Trang chủ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

AX-396 bảng dữ liệu(HTML) 19 Page - YAMAHA CORPORATION

Back Button AX-396 Datasheet HTML 15Page - YAMAHA CORPORATION AX-396 Datasheet HTML 16Page - YAMAHA CORPORATION AX-396 Datasheet HTML 17Page - YAMAHA CORPORATION AX-396 Datasheet HTML 18Page - YAMAHA CORPORATION AX-396 Datasheet HTML 19Page - YAMAHA CORPORATION AX-396 Datasheet HTML 20Page - YAMAHA CORPORATION AX-396 Datasheet HTML 21Page - YAMAHA CORPORATION AX-396 Datasheet HTML 22Page - YAMAHA CORPORATION AX-396 Datasheet HTML 23Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
A
1
2
3
4
5
6
7
8
9
B
C
D
E
F
G
H
I
J
K
L
AX-496
5 All voltage are measured with a 10M
W/V DC electric volt meter.
5 Components having special characteristics are marked
s and must be replaced
with parts having specifications equal to those originally installed.
5 Schematic diagram is subject to change without notice.
26
SCHEMATIC DIAGRAM
PIN CONNECTION DIAGRAM OF TRANSISTORS, DIODES AND ICS.
BC
E
2SA1695
2SC4466
2SA1145
2SA970
2SC2705
2SC1815
2SA1015
2SC2240
2SA893A
2SC1890A
S4VB20
2SA1358
2SC4488
2SD1915F
2SC1740S
DTC144ES
2SA933S
E
E
C
C
B
B
E
C B
+
–
~
~
E
C
B
DIODES
Anode
Cathode
NJM2068LD
1
8
LB1641
LC78211
1
10
TC4053BP
1
8
16
M37478M4-408SP
1
21
42
1
15
30
2
3
5
IN 1
1
GND
4
VZ
6
IN 2
8
10
9
INPUT LOGIC
7
8
7
6
5
4
3
2
1
NJM2068LD
LC78211
Point
1 and 2
Emitter of Q108
Collector of Q104
Point
3
Pin 20 of IC101
LB1641
AX-496
To MAIN (1)
see page 27
CD/DVD DIRECT
AMP OFF
CD/DVD DIRECT AMP ON
CD/DVD DIRECT AMP &
PURE DIRECT OFF
To MAIN (1)
see page 27
To/From MAIN (3)
see page 27
12.6
-12.7
14.2
-14.3
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
14.7
14.7
14.7
14.7
-14.8
-14.8
4.8
4.8
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0.7
0.7
4.7
4.8
0
0.9
0.6
0
0
0
0
0
0
0
0
1
2
3
0
6.1
6.1
5.4
5.4
5.4
4.8
4.7
6.5
6.5
12.1
12.8
12.8
12.8
4.8
0
0
0
0
0
0
0
-14.2
14.2
0
0
4.8
4.8
0.7
-1.7
-2.0
-5.0
14.6
14.6
1.7
0
0
0
0
0
0
0
0.1
0.1
-0.1
-0.1
-14.3
-14.3
14.3
14.3
0
PHONO EQ AMP
CD BUFFER
INPUT SELECTOR
MOTOR DRIVER
SYSTEM
CONTROL
RESET
PROTECTION
VOLUME AMP
TONE CONTROL AMP
8
7
5
6
8
7
5
6
2
1
4
3
2
1
4
3
8
7
5
6
2
3
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42