công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BFS0923D024 bảng dữ liệu(PDF) 2 Page - LOVATO Electric S.p.A.

tên linh kiện BFS0923D024
Giải thích chi tiết về linh kiện  THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, DC COIL, 24VDC, 2NO3NC AUXILIARY CONTACT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LOVATO [LOVATO Electric S.p.A.]
Trang chủ  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

BFS0923D024 bảng dữ liệu(HTML) 2 Page - LOVATO Electric S.p.A.

  BFS0923D024 Datasheet HTML 1Page - LOVATO Electric S.p.A. BFS0923D024 Datasheet HTML 2Page - LOVATO Electric S.p.A. BFS0923D024 Datasheet HTML 3Page - LOVATO Electric S.p.A. BFS0923D024 Datasheet HTML 4Page - LOVATO Electric S.p.A. BFS0923D024 Datasheet HTML 5Page - LOVATO Electric S.p.A. BFS0923D024 Datasheet HTML 6Page - LOVATO Electric S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
48V
A
20
75V
A
20
110V
A
15
220V
A
10
IEC max current Ie in DC1 with L/R ≤ 1ms with 4 poles in series
≤24V
A
20
48V
A
20
75V
A
20
110V
A
16
220V
A
12
IEC max current Ie in DC3-DC5 with L/R ≤ 15ms with 1 poles in series
≤24V
A
10
48V
A
9
75V
A
8
110V
A
2
220V
A
IEC max current Ie in DC3-DC5 with L/R ≤ 15ms with 2 poles in series
≤24V
A
13
48V
A
11
75V
A
10
110V
A
7
220V
A
2
IEC max current Ie in DC3-DC5 with L/R ≤ 15ms with 3 poles in series
≤24V
A
15
48V
A
15
75V
A
13
110V
A
11
220V
A
6
IEC max current Ie in DC3-DC5 with L/R ≤ 15ms with 4 poles in series
≤24V
A
15
48V
A
15
75V
A
15
110V
A
12
220V
A
7
Short-time allowable current for 10s (IEC/EN60947-1)
A
150
Protection fuse
gG (IEC)
A
25
aM (IEC)
A
10
Making capacity (RMS value)
A
90
Breaking capacity at voltage
440V
A
72
500V
A
72
690V
A
71
Resistance per pole (average value)
mΩ
2.5
Power dissipation per pole (average value)
Ith
W
1.6
AC-3
W
0.2
Tightening torque for terminals
min
Nm
1.5
max
Nm
1.8
min
Ibin
1.1
max
Ibin
1.5
Tightening torque for coil terminal
BFS0923D024
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, DC COIL,
24VDC, 2NO+3NC AUXILIARY CONTACT
BFS0923D024
The characteristics described in this document are subject to updates or modifications at any time. The descriptions, technical and
functional information, illustrations and instructions in this brochure are purely illustrative, and are consequently not contractually binding
2 / 6



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com