| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A22Z-R25 bảng dữ liệu(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 bảng dữ liệu(HTML) 10 Page - Omron Electronics LLC |
|
10 / 20 page ![]() 10 A22E Dimensions (Unit: mm) Non-lighted Models Lighted Models Switch dimensions when mounted to a DPST-NO (or 2NC (1NC + 1NC)) one-piece Switch Block Note: The operation unit is an example for the A22E-M. Note: The Operation Unit of A22E exept models with EMO/EMS indication is red. (The engraved mark is not white.) Note: The dimensions are the same as for EMO/EMS indication models. 1.8 5.9 0.5 32 54.7 34 1.8 5.9 0.5 32 54.7 34 2 1.5 2 5.9 1.8 0.5 32 54.7 41.2 18.5 6.5 34 1.8 5.9 0.5 32 54.7 34 A22E-MP A22E-S A22E-M A22E-L 40 dia. 40 dia. 30 dia. 60 dia. Medium Push-pull (40-dia.) Small Push-lock, Turn-reset (30-dia.) Medium Push-lock, Turn-reset (40-dia.) Large Push-lock, Turn-reset (60-dia.) 2 1.5 2 5.9 1.8 0.5 32 54.7 41.2 18.5 6.5 34 A22EL-M 40 dia. Medium Push-lock, Turn-reset (40-dia.) 72.7 57.8 44 24 |