công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L78L05ABZ-AP bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện L78L05ABZ-AP
Giải thích chi tiết về linh kiện  Positive voltage regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L05ABZ-AP bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  L78L05ABZ-AP Datasheet HTML 1Page - STMicroelectronics L78L05ABZ-AP Datasheet HTML 2Page - STMicroelectronics L78L05ABZ-AP Datasheet HTML 3Page - STMicroelectronics L78L05ABZ-AP Datasheet HTML 4Page - STMicroelectronics L78L05ABZ-AP Datasheet HTML 5Page - STMicroelectronics L78L05ABZ-AP Datasheet HTML 6Page - STMicroelectronics L78L05ABZ-AP Datasheet HTML 7Page - STMicroelectronics L78L05ABZ-AP Datasheet HTML 8Page - STMicroelectronics L78L05ABZ-AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Features
•
Output current up to 100 mA
•
Output voltages of 3.3; 5; 6; 8; 9; 10; 12; 15; 18; 24 V thermal overload
protection
•
Short-circuit protection
•
No external components are required
•
Available in either ± 4% (A) or ± 8% (C) selection
Description
The L78L series of three-terminal positive regulators employ internal current limiting
and thermal shutdown, making them essentially indestructible. If adequate heat-sink
is provided, they can deliver up to 100 mA output current. They are intended as fixed
voltage regulators in a wide range of applications including local or on-card regulation
for elimination of noise and distribution problems associated with single-point
regulation. In addition, they can be used with power pass elements to make high-
current voltage regulators. The L78L series used as Zener diode/resistor combination
replacement, offers e improvement along with lower quiescent current and lower
noise.
TO-92
SO-8
SOT-89
Maturity status link
L78L
Positive voltage regulators
L78L
Datasheet
DS0424 - Rev 30 - August 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Số phần tương tự - L78L05ABZ-AP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
L78L05ABZ-AP STMICROELECTRONICS-L78L05ABZ-AP Datasheet
769Kb / 46P
Positive voltage regulators
10-Feb-2016
L78L05ABZ-AP STMICROELECTRONICS-L78L05ABZ-AP Datasheet
879Kb / 40P
Positive voltage regulators
07-Apr-2021
More results

Mô tả tương tự - L78L05ABZ-AP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com