| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCP bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
TCP bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC |
|
2 / 2 page ![]() SINGAPORE: Tel: (65) 6547 6789 Fax: (65) 6547 6769 Email: mktg_sg@ap.omron.com MALAYSIA: Tel: (60-3) 7688 2888 Fax: (60-3) 7688 2833 Email: my_enquiry@ap.omron.com NEW ZEALAND: Tel: (64-9) 358 4400 Fax: (64-9) 358 4411 Email: nz_enquiry@ap.omron.com AUSTRALIA: Tel: (61-2) 9878 6377 Fax: (61-2) 9878 6981 Email: au_enquiry@ap.omron.com THAILAND: Tel: (66-2) 937 0500 Fax: (66-2) 937 0501 Email: th_enquiry@ap.omron.com INDIA: Tel: (91-22) 4228 8400 Fax: (91-22) 4275 5602 Email: in_enquiry@ap.omron.com INDONESIA: Tel: (62-21) 8370 9555 Fax: (62-21) 8370 9550 Email: id_enquiry@ap.omron.com VIETNAM: Tel: (84-8) 3920 4338 Fax: (84-8) 3920 4335 Email: hcm_enquiry@ap.omron.com PHILIPPINES: Tel: (63-2) 811 2831 Fax: (63-2) 811 2583 Email: ph_enquiry@ap.omron.com Cat. No. P63P-E-01 1111 The adapter supports the following Modbus/TCP function codes: Ordering Information Part Number Description CP1W-MODTCP61 Modbus/TCP Adapter for CJ2M-CPU3x, CP1L and CP1H series PLCs Additional literature can be obtained from www.omron-ap.com W450 - CP1H Operation Manual - 2 6 4 W CP1L Operation Manual W451 - CP1L / CP1H Programming Manual V227 - W4S Ethernet Switch Shown above, the PC is the Modbus TCP Master and it is controlling/monitoring the remote slave (CP1H). The NS HMI communicates to the CP1H PLC via FINS. An Omron W4S Ethernet switch is used to connect the various Ethernet devices. Modbus TCP Master Modbus TCP Master Modbus TCP IP67 Slaves Shown above is a CP1H PLC with a CP1W-MODTCP61 adapter configured for Master mode. It is communicating to two remote Omron IP67 Modbus TCP slaves. An Omron W4S Ethernet switch is used to connect the various Ethernet 01 – Read Coil Status 02 – Read Input Status 03 – Read Holding Registers 04 – Read Input Registers 05 – Force Single Coil 06 – Preset Single Register 0F – Force Multiple Coils 10 – Preset Multiple Registers Modbus TCP Slave Applications • Tank Level, Monitoring and Control • Waste Water Monitoring and Control • Machine Tool Industry • High Speed I/O Data Loggers • Voltage, Current, Monitoring and Control • Building Automation • Irrigation Systems, Sequence Control • SCADA Equipment • Solar Farms Configuration Examples Omron NS HMI Modbus/TCP Slave Supports Multiple Connections Modbus/TCP Master to IP67 Slaves, etc. devices. |