công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

11BGP0901A024 bảng dữ liệu(PDF) 2 Page - LOVATO Electric S.p.A.

tên linh kiện 11BGP0901A024
Giải thích chi tiết về linh kiện  THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, AC COIL 50/60HZ, 24VAC, 1NC AUXILIARY CONTACT, REAR PCB SOLDER PIN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LOVATO [LOVATO Electric S.p.A.]
Trang chủ  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

11BGP0901A024 bảng dữ liệu(HTML) 2 Page - LOVATO Electric S.p.A.

  11BGP0901A024 Datasheet HTML 1Page - LOVATO Electric S.p.A. 11BGP0901A024 Datasheet HTML 2Page - LOVATO Electric S.p.A. 11BGP0901A024 Datasheet HTML 3Page - LOVATO Electric S.p.A. 11BGP0901A024 Datasheet HTML 4Page - LOVATO Electric S.p.A. 11BGP0901A024 Datasheet HTML 5Page - LOVATO Electric S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
max
Nm
1
min
Ibin
9
max
Ibin
9
Max number of wires simultaneously connectable
Nr.
2
Conductor section
AWG/Kcmil
max
12
Flexible w/o lug conductor section
min
mm²
0.8
max
mm²
2.5
Flexible c/w lug conductor section
min
mm²
1.5
max
mm²
2.5
Flexible with insulated spade lug conductor section
min
mm²
1.5
max
mm²
2.5
Power terminal protection according to IEC/EN 60529
IP00
Mechanical features
Operating position
normal
Vertical plan
allowable
±30°
Fixing
Screw / DIN rail
35mm
Weight
g
198
Auxiliary contact characteristics
Thermal current Ith
A
10
IEC/EN 60947-5-1 designation
A600 - Q600
Operating current AC15
230V
A
3
400V
A
1.9
500V
A
1.4
Operating current DC12
110V
A
2.9
Operating current DC13
24V
A
2.9
48V
A
1.4
60V
A
1.1
125V
A
0.3
220V
A
0.1
600V
A
0.6
Operations
Mechanical life
cycles
20000000
Electrical life
cycles
500000
Safety related data
Performance level B10d according to EN/ISO 13489-1
rated load
cycles
500000
mechanical load
cycles
20000000
Mirror contats according to IEC/EN 609474-4-1 annex F
Yes
EMC compatibility
yes
AC coil operating
Rated AC voltage at 50/60Hz
V
24
AC operating voltage
of 50/60Hz coil powered at 50Hz
11BGP0901A024
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, AC COIL 50/60HZ,
24VAC, 1NC AUXILIARY CONTACT, REAR PCB SOLDER PIN
11BGP0901A024
The characteristics described in this document are subject to updates or modifications at any time. The descriptions, technical and
functional information, illustrations and instructions in this brochure are purely illustrative, and are consequently not contractually binding
2 / 5



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com