công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SIM6892MS bảng dữ liệu(PDF) 10 Page - Sanken electric

tên linh kiện SIM6892MS
Giải thích chi tiết về linh kiện  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6892MS bảng dữ liệu(HTML) 10 Page - Sanken electric

Back Button SIM6892MS Datasheet HTML 6Page - Sanken electric SIM6892MS Datasheet HTML 7Page - Sanken electric SIM6892MS Datasheet HTML 8Page - Sanken electric SIM6892MS Datasheet HTML 9Page - Sanken electric SIM6892MS Datasheet HTML 10Page - Sanken electric SIM6892MS Datasheet HTML 11Page - Sanken electric SIM6892MS Datasheet HTML 12Page - Sanken electric SIM6892MS Datasheet HTML 13Page - Sanken electric SIM6892MS Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
10
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
3.4.2
SIM6891MDN
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Drain-to-Source Leakage Current
IDSS
VDS = 600 V, VIN = 0 V
—
—
100
µA
Drain-to-Source On-resistance
RDS(ON)
ID = 1.25 A, VIN = 5 V
—
2.0
2.5
Ω
Source-to-Drain Diode Forward
Voltage
VSD
ISD = 1.25 A, VIN = 0 V
—
1.0
1.5
V
High-side Switching
Source-to-Drain Diode Reverse
Recovery Time
trr
VBB = 300 V, ID = 1.25 A,
VIN = 0→5 V or 5→0 V,
TJ = 25 °C,
inductive load
—
140
—
ns
Turn-on Delay Time
td(ON)
—
690
—
ns
Rise Time
tr
—
115
—
ns
Turn-off Delay Time
td(OFF)
—
350
—
ns
Fall Time
tf
—
25
—
ns
Low-side Switching
Source-to-Drain Diode Reverse
Recovery Time
trr
VBB = 300 V, ID = 1.25 A,
VIN = 0→5 V or 5→0 V,
TJ = 25 °C,
inductive load
—
165
—
ns
Turn-on Delay Time
td(ON)
—
690
—
ns
Rise Time
tr
—
115
—
ns
Turn-off Delay Time
td(OFF)
—
380
—
ns
Fall Time
tf
—
25
—
ns
3.4.3
SIM6892M
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Collector-to-Emitter Leakage
Current
ICES
VCE = 600 V, VIN = 0 V
—
—
1
mA
Collector-to-Emitter Saturation
Voltage
VCE(SAT)
IC = 5.0 A, VIN = 5 V
—
1.75
2.20
V
Diode Forward Voltage
VF
IF = 5.0 A, VIN = 0 V
—
2.0
2.4
V
High-side Switching
Diode Reverse Recovery Time
trr
VDC = 300 V, IC = 5.0 A,
VIN = 0→5 V or 5→0 V,
TJ = 25 °C,
inductive load
—
100
—
ns
Turn-on Delay Time
td(ON)
—
530
—
ns
Rise Time
tr
—
110
—
ns
Turn-off Delay Time
td(OFF)
—
740
—
ns
Fall Time
tf
—
210
—
ns
Low-side Switching
Diode Reverse Recovery Time
trr
VDC = 300 V, IC = 5.0 A,
VIN = 0→5 V or 5→0 V,
TJ = 25 °C,
inductive load
—
100
—
ns
Turn-on Delay Time
td(ON)
—
550
—
ns
Rise Time
tr
—
110
—
ns
Turn-off Delay Time
td(OFF)
—
600
—
ns
Fall Time
tf
—
210
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com