| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M51995AFP bảng dữ liệu(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M51995AFP bảng dữ liệu(HTML) 34 Page - Renesas Technology Corp |
|
34 / 41 page ![]() M51995AP/AFP REJ03D0835-0201 Rev.2.01 Nov 14, 2007 Page 34 of 40 M51995A VOUT VF RVFFB CVFFB Figure 33 Feed Back Loop through Low Pass Filter from VOUT to VF Terminal Figure 34 shows how to control the knee point where the frequency becomes decrease, From VOUT To VF From VOUT To VF From VOUT To VF To make the knee point high To make the knee point low Figure 34 How to Control the Knee Point (2) In case of fly back system The DC output voltage of SMPS depends on the VCC Voltage of type M51995A when the polarity of the third winding is negative and the system is fly back. So the operation of type M51995A will stop when the VCC becomes lower than “Operation-stop voltage” of M51995A when the DC output voltage of SMPS decreases under specified value at over load condition. DC Output Current Point that VCC voltage or third winding voltage decreases under "Operation-Stop Voltage" Figure 35 Over Current Limiting Curve on Fly Back System M51995A VCC Collector VF R1 R2 CVCC + Figure 36 Circuit Diagram to make Knee Point Low on Fly Back System |