| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SRT512 bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRT512 bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 49 page ![]() SRT512 SRT512 commands 31/49 8.4 SELECT(Chip_ID) command Command Code = 0Eh The SELECT() command allows the SRT512 to enter the SELECTED state. Until this command is issued, the SRT512 will not accept any other command, except for INITIATE(), PCALL16() and SLOT_MARKER(). The SELECT() command returns the 8 bits of the Chip_ID value. An SRT512 in SELECTED state, that receives a SELECT() command with a Chip_ID that does not match its own is automatically switched to DESELECTED state. Figure 30. SELECT request format Request parameter: ● 8-bit Chip_ID stored during the anticollision sequence Figure 31. SELECT response format Response parameters: ● Chip_ID of the selected tag. Must be equal to the transmitted Chip_ID Figure 32. SELECT frame exchange between Reader and SRT512 SOF SELECT CRCL CRCH EOF AI07677 0Eh 8 bits 8 bits 8 bits Chip_ID SOF Chip_ID CRCL CRCH EOF AI07671 8 bits 8 bits 8 bits AI13510b Reader SRT512 SOF Chip_ID CRCL CRCH EOF <-t0-> <-t1-> SOF 0Eh CRCL CRCH EOF Chip_ID |