| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TF-2261T-B-4P40-R bảng dữ liệu(PDF) 2 Page - TOKYO KEISO CO.,LTD. |
|
|
|||||||||||||||||||||||||||||
TF-2261T-B-4P40-R bảng dữ liệu(HTML) 2 Page - TOKYO KEISO CO.,LTD. |
|
2 / 2 page ![]() TG-F1154-E00 TF-2261T MINI THERMAL MASS FLOWMETER 2 TOKYO KEISO CO., LTD. MODE Upper line: Flow rate Indicator Bottom line: Totalizing 1 Unit 2 High alarm (HA) 7 Low alarm (LA) 8 UP 3 DOWN 4 SHIFT 5 MODE 6 ✽ Use the MODE key for gas setting. MASS FLOW METER TF-2000T TOKYO KEISO CO.,LTD. JAPAN UNIT:(nor) m3 LA COUNTS HA L L/min L/h MODE MINI-THERMAL 3 m /h 2-G1/2 M3 screw 4 10 ( +) (C) ANALOG OUT L A 12 8 7 PULSE OUT (E) (C) RESET 3 9 (–) (E) 5 6 11 12 (C) (E) H A POWER 0 24V (Rating: DC30V, 30mA max.) Open collector ( +) H A High alarm Flow rate alarm output 1 (–) PULSE OUT (E) Totalizing pulse output (–) ( +) ( +)(–) Low alarm (E) 3 (C) 2 (C) 45 (E) L A 6 (C) POWER Power supply DC24V 11 output External switch 7 (–) 9 DC4 to 20mA 8 10 ( +) 0 ANALOG OUT RESET 12 24V ■ FRONT PANEL ■ TERMINAL ■ DIMENSIONS FLOW TOKYO KEISO CO.,LTD. JAPAN UNIT:(nor) m3 LA COUNTS HA L L/min L/h MODE MINI-THERMAL 2-Rc L MASS FLOW METER TF-2000T 3 m /h FLOW JAPAN TOKYO KEISO CO.,LTD. UNIT:(nor) m3 LA COUNTS HA L L/min L/h MODE MINI-THERMAL L MASS FLOW METER TF-2000T 3 m /h TF-2261T-***-F** TF-2261T-***-P** Note: The outer shapes of body for TF-2261T- ✽✽✽-P25 and TF-2261T- ✽✽✽-F25 differ slightly from the above ones. ■ DIMENSION TABLE Meter size L (mm) 25mm 32mm 40mm 50mm 65mm 80mm 195 215 230 270 290 320 34 43 49 61 77 89 50 60 65 75 — — 166 175 177 183 191 198 5.0 5.5 5.7 6.8 9.4 10.4 3.3 3.2 3.3 4.0 — — Flange Screw H (mm) Flange D (mm) Mass (Approx.) kg Screw ■ MODEL CODE Model code Description TF-2261 T— — Full scale flow rate * A B C — — Scale range Materials 4— SUS304 (Available only for flange connection) 6— SUS316 (Available for all models) Connection rating P — Rc screw (1" to 2") F— JIS 10K Flange (25 to 80 mm) Connection size *: Full scale flow rate = (AB)×10C m3/h(nor) (Ex.) 80 m3/h(nor)→ 800 400 m3/h(nor)→ 401 1500 m3/h(nor)→ 152 25 — 25 mm (1") 32 — 32 mm (1-1/4") 40 — 40 mm (1-1/2") 50 — 50 mm (2") 65 — 65 mm (2-1/2") 80 — 80 mm (3") Flow direction — R Left to Right (std.) — L Right to Left — U Bottom to Top — D Top to Bottom ■ CAUTION FOR INSTALLATION ❏ Straight run upstream and downstream (d: inside diameter) Installation of the pipe is the same connection as flowmeter. ❏ Rc screw connection is to be used for the pipe less than Sch. 80. ❏ Pipe which is different from connection of flowmeter is ±1 size. Install the necessary straight run of the same connection as the flowmeter. ❏ Install valves downstream if any. ❏ Before installing the flowmeter onto process piping, flush and clean the whole piping. ❏ Use the shielded cable for wiring and do not locate it near to power supply line etc. to avoid the electric noise. ❏ There is the arrow mark showing the flow direction. Make the installation so that the measured gas can flow as per the arrow marking. Upstream Downstream 10d 5d Head Office : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558 Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922 e-mail : overseas.sales@tokyokeiso.co.jp ; URL : http://www.tokyokeiso.co.jp * Specification is subject to change without notice. |