công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7LCRDIE6/XXX bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện ST7LCRDIE6/XXX
Giải thích chi tiết về linh kiện  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6/XXX bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button ST7LCRDIE6/XXX Datasheet HTML 21Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 22Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 23Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 24Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 25Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 26Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 27Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 28Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
ST7LCR
26/29
6
Device configuration and ordering information
Device ordering information and transfer of customer code
Customer code is made up of the ROM contents and the list of the selected options (if any).
The ROM contents are to be sent on diskette, or by electronic means, with the hexadecimal
file in .S19 format generated by the development tool. All unused bytes must be set to FFh.
The selected options are communicated to STMicroelectronics using the correctly
completed OPTION LIST appended. See Figure 9: ST7LCR option list.
Refer to application note AN1635 for information on the counter listing returned by ST after
code has been transferred.
The STMicroelectronics Sales Organization will be pleased to provide detailed information
on contractual points.
Table 24.
Ordering information
Sales type
Program memory (bytes)
RAM
(bytes)
Package
ST7LCRE4U1/xxx(1)
1.
Customer ROM code name is assigned by STMicroelectronics.
16K ROM
768
VFQFPN24
ST7LCRDIE6/xxx(1)
16K ROM
768
Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29