| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7LCRE4U1 bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LCRE4U1 bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 29 page ![]() ST7LCR 26/29 6 Device configuration and ordering information Device ordering information and transfer of customer code Customer code is made up of the ROM contents and the list of the selected options (if any). The ROM contents are to be sent on diskette, or by electronic means, with the hexadecimal file in .S19 format generated by the development tool. All unused bytes must be set to FFh. The selected options are communicated to STMicroelectronics using the correctly completed OPTION LIST appended. See Figure 9: ST7LCR option list. Refer to application note AN1635 for information on the counter listing returned by ST after code has been transferred. The STMicroelectronics Sales Organization will be pleased to provide detailed information on contractual points. Table 24. Ordering information Sales type Program memory (bytes) RAM (bytes) Package ST7LCRE4U1/xxx(1) 1. Customer ROM code name is assigned by STMicroelectronics. 16K ROM 768 VFQFPN24 ST7LCRDIE6/xxx(1) 16K ROM 768 Die |