công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NR30BAC112101M1 bảng dữ liệu(PDF) 3 Page - LUMEL S.A.

tên linh kiện NR30BAC112101M1
Giải thích chi tiết về linh kiện  Rail mounted poweR netwoRk meteR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUMEL [LUMEL S.A.]
Trang chủ  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NR30BAC112101M1 bảng dữ liệu(HTML) 3 Page - LUMEL S.A.

  NR30BAC112101M1 Datasheet HTML 1Page - LUMEL S.A. NR30BAC112101M1 Datasheet HTML 2Page - LUMEL S.A. NR30BAC112101M1 Datasheet HTML 3Page - LUMEL S.A. NR30BAC112101M1 Datasheet HTML 4Page - LUMEL S.A. NR30BAC112101M1 Datasheet HTML 5Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.lumel.com.pl
3
DiGital interFace
interface type
transmission protocol
Remarks
uSB 1.1/2.0
modbus Rtu 8n2
baud rate115.2 kbit/s; firmware update
RS-485
modbus Rtu 8n2, 8e1, 8o1, 8n1
address 1..247
baud rate: 4.8, 9.6, 19.2 38.4, 57.6, 115.2 kbit/s
Bacnet
Bacnet/ip
Bacnet Standardized device profile (annex l):
Bacnet application Specific controller (B-aSc);
Bacnet interoperability Building Blocks (BiBB) Support (annex
k in Bacnet addendum 135d):
dS-Rp-B, dS-wp-B, dS-Rpm-B, dm-ddB-B, dm-doB-B, dm-
-dcc-B, dm-Rd-B;
Binding methods support:
Recive who-is, send i-am (BiBB, dm-ddB-B); Recive who-has,
send i-have (BiBB dm-doB-B)
outputs
output type
properties
Relay output
2 x programmable relays, non-voltage contacts, load capacity 0.5 a / 250 V a.c. or 5 a / 30 V d.c.
NR30BAC - RailmountedpoweRnetwoRkmeteRwithBACnet
saFety anD coMpability requireMents
electromagnetic compatibility
noise immunity
acc. to en 61000-6-2
noise emissions
acc. to en 61000-6-4
isolation insured by the casing
double
acc. to en 61010-1
isolation between circuits
basic
acc. to en 61010-1
polution level
2
acc. to en 61010-1
installation category
iii
acc. to en 61010-1
Maximal phase-to-earth voltage
• for supply circuit and relay outputs 300 V
• for measuring input 500 V
• for circuits of RS-485,analogoutputs:50V
acc. to en 61010-1
altitude a.s.l.
< 2000 m
external Features
readout field
20 x 4 lines lcd character display; white background, black characters
overall dimensions
105 x 110 x 60 mm
Weight
0.3 kg
protection grade
from frontal side: ip50
from terminal side: ip00
rateD operatinG conDitions
supply voltage
85...253 V a.c. (40...50...400 hz), 90...300 V d.c.
or 20...40 V a.c., 20...60 V d.c.
power consumption ≤ 6 Va
power consumption
in voltage circuit ≤ 0.5 Va
in current circuit ≤ 0.1 Va (in = 1/5 a);
≤ 2.0 Va (in = 63 a)
input signal
0...0,1...1,2 in; 0,1…0,2...1,2 un for current, voltage, pFi,tg
ji
frequency 45...50...60...65 hz, sinusoidal (thd ≤ 8%)
power factor
-1…0…1
preheating time
5 min.
ambient temperature
-10…23…55°c, class k55 acc. to en61557-12
Humidity
0...40...65…95%
inadmissible condensation
operating position
any
external magnetic field
≤ 40…400 a/m d.c.
≤ 3 a/m a.c. 50/60 hz
short-term overload
voltage input: 2 un (5 sec.)
current input:
50 a for in = 1a/5a (1 sec.)
630 a for in = 63a (1 sec.)
admissible crest factor
current: 2
voltage: 2
additional error (in % of the intrinsic error)
from ambient temperature change: < 50% / 10°c



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com