công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NR30BAC112101M0 bảng dữ liệu(PDF) 5 Page - LUMEL S.A.

tên linh kiện NR30BAC112101M0
Giải thích chi tiết về linh kiện  Rail mounted poweR netwoRk meteR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUMEL [LUMEL S.A.]
Trang chủ  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NR30BAC112101M0 bảng dữ liệu(HTML) 5 Page - LUMEL S.A.

  NR30BAC112101M0 Datasheet HTML 1Page - LUMEL S.A. NR30BAC112101M0 Datasheet HTML 2Page - LUMEL S.A. NR30BAC112101M0 Datasheet HTML 3Page - LUMEL S.A. NR30BAC112101M0 Datasheet HTML 4Page - LUMEL S.A. NR30BAC112101M0 Datasheet HTML 5Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.lumel.com.pl
5
NR30BAC - RailmountedpoweRnetwoRkmeteRwithBACnet
export department:
tel.: (+48 68) 45 75 139, 45 75 233, 45 75
321, 45 75 386
fax.: (+48 68) 32 54 091
e-mail: export@lumel.com.pl
luMel s.a.
ul. Sulechowska 1, 65-022 Zielona góra, poland
tel.: +48 68 45 75 100, fax +48 68 45 75 508
www.lumel.com.pl
oRdeRing code
meter nR30Bac X
X
X
X
XX
X
X
input current in:
1/5 a (X/1 ; X/5)
1
63 a
2
input voltage (phase/phase-to-phase) un:
3 x 57.7/ 100 V up to 3 x 100/ 170 V
1
3 x 230/ 400 V up to 3 x 400/ 690 V
2
interface:
RS-485 and Bacnet/ip
2
supply:
85...253 V a.c., 90...300 V d.c.
1
20...40 V a.c., 20...60 V d.c.
2
version:
standard
00
with S4ao*: 4 current outputs 0/4 .. 20 ma
01
with S4ao*: 4 voltage outputs 0 .. 10 V
02
with S4ao*: 4 outputs (2 groups 1 x 0..10 V + 1 x 0/4 .. 20 ma)
03
custom-made**
XX
language:
polish/ english
m
other**
X
acceptance tests:
without additional quality requirements
0
with an extra quality inspection certificate
1
with calibration certificate
2
acc.to customer’s request
X
order example:
the code: nr30bac 112100M0 means:
nr30bac - nR30Bac meter
1 – input current 1/5 a (X/1; X/5)
1 – input voltage 3x57.7/100 V up to 3x100/170 V,
2 – RS485 and Bacnet/ip
1 – supply 85..253 V a.c., 90..300 V d.c.
00 – standard version,
M– polish/english language version,
0 – without additional quality requirements.
* 4-channel S4ao analog output module will be made with the same
power supply as the ordered nR30Bac meter, unless the customer
specifies otherwise. the S4ao module communicates with the
nR30Bac meter via the RS485 modbus master interface, therefore
cooperation with S4ao excludes the use the nR30Bac meter RS485
interface for communication with another master.
**after agreement with the manufacturer



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com