công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4725A2TE/CH bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện MCP4725A2TE/CH
Giải thích chi tiết về linh kiện  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725A2TE/CH bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button MCP4725A2TE/CH Datasheet HTML 14Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 15Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 16Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 17Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 18Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 19Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 20Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 21Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
MCP4725
DS22039C-page 18
© 2007 Microchip Technology Inc.
TABLE 6-2:
WRITE COMMAND TYPE
FIGURE 6-1:
Write Command for Fast Mode.
C2 C1 C0
Command Name
Function
0
0
X
Fast Mode
This command is used to change the DAC register. EEPROM is not affected
00
X
“
“
0
1
0
Write DAC Register
Load configuration bits and data code to the DAC Register
0
1
1
Write DAC Register
and
EEPROM
(a) Load configuration bits and data code to the DAC Register
and
(b) also write the EEPROM
1
0
0
Reserved
Reserved for future use
1
0
1
Reserved
Reserved for future use
1
1
0
Reserved
Reserved for future use
1
1
1
Reserved
Reserved for future use
Note 1: X = Dont’ Care. Fast Mode does not use C0 bit.
2: The MCP4725 ignores the “Reserved” commands.
1st byte (Device Addressing)
Device Code
Address
R/W
ACK (
MCP4725)
2nd byte
3rd byte
DAC Register Data (12 bits)
ACK (
MCP4725)
Repeat bytes of 2nd and 3rd bytes
Change DAC Code in Fast Mode: (C2,C1) = (0,0)
Fast Mode Command (C2, C1 = 0, 0)
ACK (
MCP4725)
Power Down Select
Start Bit
2nd byte
3rd byte
Read/Write Command
Stop Bit
Stop Bit
see
Note 1
see
Note 2
ACK (
MCP4725)
see
Note 2
Note 1: A2 and A1 bits are programmed at the factory by hard-wired, and A0 bit is determined by the logic state
of A0 pin.
2: The device updates V
OUT at the falling edge of the ACK pulse of the 3rd byte.
11
0
0 A2
0
A1 A0
00 PD1 PD0 D11
D8
D10 D9
D7 D6 D5 D4 D3
D0
D2 D1
00 PD1 PD0 D11
D8
D10 D9
D7 D6 D5 D4 D3
D0
D2 D1
Bits
ACK (
MCP4725)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com