công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4725A1TE/CH bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện MCP4725A1TE/CH
Giải thích chi tiết về linh kiện  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725A1TE/CH bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button MCP4725A1TE/CH Datasheet HTML 31Page - Microchip Technology MCP4725A1TE/CH Datasheet HTML 32Page - Microchip Technology MCP4725A1TE/CH Datasheet HTML 33Page - Microchip Technology MCP4725A1TE/CH Datasheet HTML 34Page - Microchip Technology MCP4725A1TE/CH Datasheet HTML 35Page - Microchip Technology MCP4725A1TE/CH Datasheet HTML 36Page - Microchip Technology MCP4725A1TE/CH Datasheet HTML 37Page - Microchip Technology MCP4725A1TE/CH Datasheet HTML 38Page - Microchip Technology MCP4725A1TE/CH Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
© 2007 Microchip Technology Inc.
DS22039C-page 35
MCP4725
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
1
6-Lead SOT-23
XXNN
Example
1
AJ25
Part Number
Address
Option
Code
MCP4725A0T-E/CH
A0 (00)
AJNN
MCP4725A1T-E/CH
A1 (01)
APNN
MCP4725A2T-E/CH
A2 (10)
AQNN
MCP4725A3T-E/CH
A3 (11)
ARNN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42