| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA015B bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA015B bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 55 page ![]() 25/55 STA015 STA015B STA015T Bitrate_index indicates the bitrate (Kbit/sec) depending on the MPEG ID. Sampling Frequency indicates the sampling frequency of the encoded audio signal (KHz) depending on the MPEG ID Padding bit if this bit equals ’1’, the frame contains an additional slot to adjust the mean bitrate to the sampling fre- quency, otherwise this bit is set to ’0’. Private bit Bit for private use. This bit will not be used in the future by ISO/IEC. Mode Indicates the mode according to the following table. The joint stereo mode is intensity_stereo and/or ms_stereo. bitrate index ID = 1 ID = 0 ’0000’ free free ’0001’ 32 8 ’0010’ 40 16 ’0011’ 48 24 ’0100’ 56 32 ’0101’ 64 40 ’0110’ 80 48 ’0111’ 96 56 ’1000’ 112 64 ’1001’ 128 80 ’1010’ 160 96 ’1011’ 192 112 ’1100’ 224 128 ’1101’ 256 144 ’1110’ 320 160 ’1111’ forbidden forbidden Sampling Frequency MPEG1 MPEG2 MPEG2.5 ’00’ 44.1 22.05 11.03 ’01’ 48 24 12 ’10’ 32 16 8 ’11’ reserved reserved reserved mode mode specified ’00’ stereo ’01’ joint stereo (intensity_stereo and/or ms_stereo) ’10’ dual_channel ’11’ single_channel (mono) |