| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MK50H25PLCC bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H25PLCC bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 64 page ![]() Table A - MK50H25 Command/Response Repertoire Modulo 8 Operation FORMAT COMMAND RESPONSE ENCODING LSB MSB 12 34567 8 Information Transfer I I 0 ← N(S) → P ← N(R) → Supervisory RR RR 1 0 0 0 P/F ← N(R) → RNR RNR 1 0 1 0 P/F ← N(R) → REJ REJ 1 0 0 1 P/F ← N(R) → Unnumbered *UI *UI 11 00 P/F 00 0 SABM 1 1 1 1 P 1 0 0 DM 11 11F 00 0 DISC 1 1 0 0 P 0 1 0 UA 11 00F 11 0 FRMR 1 1 1 0 F 0 0 1 *XID *XID 1 1 1 1 P/F 1 0 1 TEST TEST 1 1 0 0 P/F 1 1 1 Table B - MK50H25 Command/Response Repertoire Modulo 128 Operation FORMAT COMMAND RESPONSE ENCODING LSB MSB 1 2 3 4 5 6 7 8 9 10-16 Information Transfer I I 0 N(S) P N(R) Supervisory RR RR 1 0 0 0 0 0 0 0 P/F N(R) RNR RNR 1 0 1 0 0 0 0 0 P/F N(R) REJ REJ 1 0 0 1 0 0 0 0 P/F N(R) Unnumbered SABME 1 1 1 1 P 1 1 0 N/A All Others All Others Same Repertoire and Encoding as for Modulo 8 Notes: 1. N(S) = Transmitter Send Sequence Number 2. N(R) = Transmitter Receive Sequence Number 3. P/F = Poll bit when issued as a command. Final bit when issued as a response. 4. N/A = Not Applicable. All Unnumbered frames have only an 8 bit Control Field for Modulo 128 or Modulo 8 operation. *XID and UI frames can be enabled individually by setting the appropriate bits in CSR2. MK50H25 12/64 |