| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MK50H27 bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H27 bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 56 page ![]() A 16-23 ALE SYSCLK BM0,1 READY DAS HLDA HOLD 25 65 26 27 40 23 23 43 44 41 42 28 22 60 61 48 48 T1 T2 T3 T4 T 5 DATA ADDR DAL0-15 READ DALO DALI 29 34 33 35 45 ADDRESS 64 24 NOTES: 2. Output delay times are the maximum delay from the specifed edge to a valid output. 3. The Bus Master cycle time will increase from a minimum, in 1 SYSCLK increments until the slave device returns READY. 1. This Reduced DMA Cycle Time is selected by setting CSR2 bit 15, CYCLE = 1. Times T0 and T5 from the standard DMA Cycle are removed for this reduced timing. Figure 8a MK50H27 Reduced Cycle BUS Master Timing (Write) (for CYCLE = 1, CSR2<15>) MK50H27 49/56 |