công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMVC019 bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện FMVC019
Giải thích chi tiết về linh kiện  VCO (Voltage Controlled Oscillator) 0.175 inch Commercial SMT (Surface Mount), Frequency of 10 GHz to 11 GHz, Phase Noise -72 dBc/Hz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMVC019 bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  FMVC019 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMVC019 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMVC019 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMVC019 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMVC019 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV 1.0 Page 1 of 5
Copyright © 2016
FMVC019 is a High Reliability Low Noise Voltage Controlled Oscillator (VCO) which
covers a 10000 MHz to 11000 MHz frequency band with a voltage tuning range
from 0V to 11V. This design features exceptional phase noise performance of -72
dBc/Hz @ 10 kHz offset. Supply Voltage is +12V with a generated output power
level of +4.0 dBm and 2nd harmonic output of -40 dBc typical. The assembly
is RoHs compliant and available in a compact 0.175 inch SMT package with an
industry standard mounting footprint. The bottom surface is copper clad with 2-5
micro inches of immersion Gold over 150 - 250 micro inches of Electro less Nickel
which makes it resistant to oxidation for ease of soldering. The VCO operates
over a temperature range of -40°C to +85°C and is designed to meet a variety of
MIL-STD-202 test conditions including Humidity, Shock, and Vibration.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
10
11
GHz
Tuning Voltage
0
11
Vdc
Supply Voltage (DC)
11
12
13
Vdc
Supply Current (DC)
17
18
mA
Phase Noise @10kHz Offset
-72
-68
dBc/Hz
Phase Noise @100kHz Offset
-95
-90
dBc/Hz
Output Power
+3
+4
+7
dBm
Tuning Sensitivity (Kvco)
95
290
MHz/V
Pushing
15
20
MHz/V
Pulling (pk-pk)
70
100
MHz
Load Impedance
50
Ohms
2nd Harmonics
-40
-35
dBc
Mechanical Specifications
Size
Length
0.175 in [4.45 mm]
Width
0.175 in [4.45 mm]
Height
0.075 in [1.91 mm]
.
Body Material and Plating
Copper Clad, Nickel, Gold
Design
Commercial
Package Style
Surface Mount
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +125 deg C
Humidity
MIL-STD-202, Method 103, 90% RH,
+65 C
Shock
MIL-STD-202, Method 213I
Vibration
MIL-STD-202, Method 204D
Temperature Cycle
MIL-STD-202, Method 107B
VCO (Voltage Controlled Oscillator) 0.175 inch
Commercial SMT (Surface Mount), Frequency of
10 GHz to 11 GHz, Phase Noise -72 dBc/Hz
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• 10000 MHz to 11000
MHz Bandwidth
• -72 dBc/Hz @ 10kHz offset
• Tuning Voltage 0V to 11V
• Pout = +4.0 dBm
• Harmonics = -40 dBc
• RoHs Compliant Assembly
• 0.175” SMT package
• Industry Standard
Mounting Footprint
• Designed to meet MIL-STD-202
Environmental Conditions
Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
FMVC019
DATA SHEET


Số phần tương tự - FMVC019

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
FMVC011 FAIRVIEW-FMVC011 Datasheet
848Kb / 6P
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial Frequency of 4.8 GHz to 5.2 GHz, Phase Noise -80 dBc/Hz
REV 1.0
FMVC012 FAIRVIEW-FMVC012 Datasheet
848Kb / 6P
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial Frequency of 4.8 GHz to 5.7 GHz, Phase Noise -84 dBc/Hz
REV 1.0
FMVC014 FAIRVIEW-FMVC014 Datasheet
877Kb / 6P
VCO (Voltage Controlled Oscillator) 0.175 inch SMT (Surface Mount), Frequency of 5.4 GHz to 5.9 GHz, Phase Noise -84 dBc/Hz
REV 1.1
FMVC018 FAIRVIEW-FMVC018 Datasheet
744Kb / 5P
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial SMT (Surface Mount), Frequency of 9 GHz to 10 GHz, Phase Noise -78 dBc/Hz
REV 1.0
More results

Mô tả tương tự - FMVC019

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE2V005 PASTERNACK-PE2V005 Datasheet
657Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1 GHz to 2 GHz, Phase Noise of -90 dBc/Hz and 0.175 inch Package
PE2V008 PASTERNACK-PE2V008 Datasheet
661Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.92 GHz, Phase Noise of -87 dBc/Hz and 0.175 inch Package
PE2V009 PASTERNACK-PE2V009 Datasheet
683Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.57 GHz to 4.58 GHz, Phase Noise of -83 dBc/Hz and 0.175 inch Package
PE2V010 PASTERNACK-PE2V010 Datasheet
670Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.4 GHz to 5 GHz, Phase Noise of -85 dBc/Hz and 0.175 inch Package
PE2V011 PASTERNACK-PE2V011 Datasheet
659Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.2 GHz, Phase Noise of -80 dBc/Hz and 0.175 inch Package
PE2V012 PASTERNACK-PE2V012 Datasheet
657Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.7 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PE2V014 PASTERNACK-PE2V014 Datasheet
656Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 5.4 GHz to 5.9 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PE2V015 PASTERNACK-PE2V015 Datasheet
588Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 6.1 GHz to 7 GHz, Phase Noise of -76 dBc/Hz and 0.175 inch Package
PE2V018 PASTERNACK-PE2V018 Datasheet
578Kb / 6P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 9 GHz to 10 GHz, Phase Noise of -78 dBc/Hz and 0.175 inch Package
PE2V019 PASTERNACK-PE2V019 Datasheet
578Kb / 6P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 GHz to 11 GHz, Phase Noise of -72 dBc/Hz and 0.175 inch Package
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com