công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMVC014 bảng dữ liệu(PDF) 3 Page - Infinite Electronics International, Inc.

tên linh kiện FMVC014
Giải thích chi tiết về linh kiện  VCO (Voltage Controlled Oscillator) 0.175 inch SMT (Surface Mount), Frequency of 5.4 GHz to 5.9 GHz, Phase Noise -84 dBc/Hz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMVC014 bảng dữ liệu(HTML) 3 Page - Infinite Electronics International, Inc.

  FMVC014 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMVC014 Datasheet HTML 6Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Tuning, Pout, and Current
VCO (Voltage Controlled Oscillator) 0.175 inch SMT (Surface Mount), Frequency of 5.4 GHz to 5.9 GHz, Phase Noise -84
dBc/Hz
VCO (Voltage Controlled Oscillator) 0.175 inch SMT (Surface Mount), Frequency of 5.4 GHz to 5.9 GHz, Phase Noise -84
dBc/Hz
VCO (Voltage Controlled Oscillator) 0.175 inch SMT (Surface Mount), Frequency of 5.4 GHz to 5.9 GHz, Phase Noise -84
dBc/Hz from Fairview Microwave is in-stock and available to ship same-day. All of our RF/microwave products are available
off-the-shelf from our ISO 9001:2008 certified facilities in Lewisville, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: VCO (Voltage Controlled Oscillator) 0.175 inch
SMT (Surface Mount), Frequency of 5.4 GHz to 5.9 GHz, Phase Noise -84 dBc/Hz FMVC014
URL: https://www.fairviewmicrowave.com/vco-voltage-controlled-oscillator-5.9-ghz-fmvc014-p.aspx
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 3 of 6
FMVC014
DATA SHEET



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com