| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MJE340 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MJE340 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() MJE340 MJE350 COMPLEMETARY SILICON POWER TRANSISTORS s SGS-THOMSON PREFERRED SALESTYPES s COMPLEMENTARY PNP - NPN DEVICES APPLICATIONS s LINEAR AND SWITCHING INDUSTRIAL EQUIPMENT DESCRIPTION The MJE340 is a silicon epitaxial planar NPN transistor intended for use in medium power linear and switching applications.It is mounted in SOT-32. The complementary PNP type is MJE350. INTERNAL SCHEMATIC DIAGRAM June 1997 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Valu e Un it NPN MJE340 Un it PNP MJE350 Un it VCEO Collector-Emitt er Voltage (IB = 0) 300 V VEBO Emitt er-Base Voltage (IC = 0) 3 V IC Collector Current 0. 5 A Ptot Tot al Power Dissipation at Tcase ≤ 25 oC 20. 8 W Tstg Storage T emperature -65 to 150 oC Tj Max Operating Junction T emperature 150 oC For PNP types voltage and current values are negative. SOT-32 3 2 1 1/5 |
Số phần tương tự - MJE340 |
|
Mô tả tương tự - MJE340 |