công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51406BDFK bảng dữ liệu(PDF) 97 Page - Renesas Technology Corp

tên linh kiện R5F51406BDFK
Giải thích chi tiết về linh kiện  Renesas MCUs
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51406BDFK bảng dữ liệu(HTML) 97 Page - Renesas Technology Corp

Back Button R5F51406BDFK Datasheet HTML 93Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 94Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 95Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 96Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 97Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 98Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 99Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 100Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 121 page
background image
R01DS0379EJ0120 Rev.1.20
Page 97 of 121
Nov 22, 2024
RX140 Group
2. Electrical Characteristics
2.10
CTSU Characteristics
2.11
Power-On Reset Circuit and Voltage Detection Circuit Characteristics
Note:
These characteristics apply when noise is not superimposed on the power supply. When a setting is made so that the voltage
detection level overlaps with that of the voltage detection circuit (LVD2), it cannot be specified which of LVD1 and LVD2 is used
for voltage detection.
Table 2.69
CTSU Characteristics
Conditions: 1.8 V ≤ VCC ≤ 5.5 V, 1.8 V ≤ AVCC0 ≤ 5.5 V, VSS = AVSS0 = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
External capacitance connected to TSCAP pin
Ctscap
910
11
nF
Permissible output
high/low current
P12 to P17, P20, P21, P26, P27,
P30 to P32, P34, P35, P54, P55,
PB1 to PB7, PC2 to PC7,
PH0 to PH3
| ΣIOH |
+ ΣIOL
—
—
24
mA
When VXSEL = 0
PA0, PA1, PA3, PA4, PA6, PB0,
PE0 to PE5
—
—
16
mA
[Products with 64
Kbytes of flash
memory or less]
When VXSEL = 0
PA0 to PA6, PB0, PD0 to PD2,
PE0 to PE5
—
—
16
mA
[Products with at
least 128 Kbytes
of flash memory]
When VXSEL = 0
Table 2.70
Power-On Reset Circuit and Voltage Detection Circuit Characteristics (1)
Conditions: 1.8 V ≤ VCC ≤ 5.5 V, 1.8 V ≤ AVCC0 ≤ 5.5 V, VSS = AVSS0 = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Voltage detection
level
Power-on reset (POR)
VPOR
1.35
1.50
1.65
V
Figure 2.58, Figure 2.59
Voltage detection circuit
(LVD0)*1
Vdet0_0
3.67
3.85
3.97
V
Figure 2.60
At falling edge VCC
Vdet0_1
2.70
2.85
3.00
Vdet0_2
2.37
2.53
2.67
Vdet0_3
1.80
1.90
1.99
Voltage detection circuit
(LVD1)*2
Vdet1_0
4.12
4.29
4.42
V
Figure 2.61
At falling edge VCC
Vdet1_1
3.98
4.16
4.28
Vdet1_2
3.86
4.03
4.16
Vdet1_3
3.68
3.86
3.98
Vdet1_4
2.99
3.10
3.29
Vdet1_5
2.89
3.00
3.19
Vdet1_6
2.79
2.90
3.09
Vdet1_7
2.68
2.80
2.98
Vdet1_8
2.57
2.68
2.87
Vdet1_9
2.47
2.59
2.67
Vdet1_A
2.37
2.48
2.57
Vdet1_B
2.10
2.20
2.30
Vdet1_C
1.86
1.96
2.06
Vdet1_D
1.80
1.86
1.96
Voltage detection
level
Voltage detection circuit
(LVD2)*3
Vdet2_0*4
4.08
4.32
4.48
V
Figure 2.62
At falling edge VCC
Vdet2_1
3.95
4.17
4.35
Vdet2_2
3.82
4.03
4.22
Vdet2_3
3.62
3.84
4.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com