| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F5671CDDLE bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDLE bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp |
|
14 / 179 page ![]() RX671 Group 1. Overview R01DS0373EJ0120 Rev.1.20 Page 14 of 179 Sep 30, 2024 1.2 List of Products Table 1.3 is a list of products, and Figure 1.1 shows how to read the product part no. Table 1.3 List of Products (1/3) Group Part No. Package Code Flash Memory Capacity (byte(s)) RAM Capacity (byte(s)) Data Flash Memory Capacity (byte(s)) Operating Frequency (Max.) Encryption Module Operating temperature (°C) RX671 (D-version) R5F5671EHDFB PLQP0144KA-B 2 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671EDDFB PLQP0144KA-B 2 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671CHDFB PLQP0144KA-B 1.5 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671CDDFB PLQP0144KA-B 1.5 M 384 K 8 K 120 MHz Not available –40 to +85 R5F56719HDFB PLQP0144KA-B 1 M 384 K 8 K 120 MHz Available –40 to +85 R5F56719DDFB PLQP0144KA-B 1 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671EHDFP PLQP0100KB-B 2 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671EDDFP PLQP0100KB-B 2 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671CHDFP PLQP0100KB-B 1.5 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671CDDFP PLQP0100KB-B 1.5 M 384 K 8 K 120 MHz Not available –40 to +85 R5F56719HDFP PLQP0100KB-B 1 M 384 K 8 K 120 MHz Available –40 to +85 R5F56719DDFP PLQP0100KB-B 1 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671EHDFM PLQP0064KB-C 2 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671EDDFM PLQP0064KB-C 2 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671CHDFM PLQP0064KB-C 1.5 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671CDDFM PLQP0064KB-C 1.5 M 384 K 8 K 120 MHz Not available –40 to +85 R5F56719HDFM PLQP0064KB-C 1 M 384 K 8 K 120 MHz Available –40 to +85 R5F56719DDFM PLQP0064KB-C 1 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671EHDNE PWQN0048KC-A 2 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671EDDNE PWQN0048KC-A 2 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671CHDNE PWQN0048KC-A 1.5 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671CDDNE PWQN0048KC-A 1.5 M 384 K 8 K 120 MHz Not available –40 to +85 R5F56719HDNE PWQN0048KC-A 1 M 384 K 8 K 120 MHz Available –40 to +85 R5F56719DDNE PWQN0048KC-A 1 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671EHDBP PTBG0064KB-A 2 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671EDDBP PTBG0064KB-A 2 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671CHDBP PTBG0064KB-A 1.5 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671CDDBP PTBG0064KB-A 1.5 M 384 K 8 K 120 MHz Not available –40 to +85 R5F56719HDBP PTBG0064KB-A 1 M 384 K 8 K 120 MHz Available –40 to +85 R5F56719DDBP PTBG0064KB-A 1 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671EHDLE PTLG0145JC-A 2 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671EDDLE PTLG0145JC-A 2 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671CHDLE PTLG0145JC-A 1.5 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671CDDLE PTLG0145JC-A 1.5 M 384 K 8 K 120 MHz Not available –40 to +85 R5F56719HDLE PTLG0145JC-A 1 M 384 K 8 K 120 MHz Available –40 to +85 R5F56719DDLE PTLG0145JC-A 1 M 384 K 8 K 120 MHz Not available –40 to +85 |