| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RZ/G2E bảng dữ liệu(PDF) 66 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2E bảng dữ liệu(HTML) 66 Page - Renesas Technology Corp |
|
66 / 169 page ![]() RZ/G Series, 2nd Generation Datasheet Section 3. Electrical Characteristics R01DS0483EJ0101 Rev.1.01 Page 66 of 169 Jun 30, 2025 Table 3.4.14 DC Characteristics (I2C 3.3-V I/O) Item Symbol Min. Typ. Max. Unit Measurement conditions Remarks Input high voltage VIH 2.0 — VDDQ33 + 0.3 V VDDQ33 = 3.1 to 3.5 V Input low voltage VIL -0.3 — 0.8 V Output low voltage VOL -0.3 — 0.4 V IOL = 4 mA Pin capacitance CL — — 10 pF — All pins Input leakage current ILI — — 1 μA VDDQ33 = 3.1 to 3.5 V Without pull-up or pull-down resistor All input pins Output leakage current ILO — — 1 μA Hi-Z output Item Symbol Min. Typ. Max. Unit Measurement conditions Remarks Input high voltage VIH 2.0 — VDDQ33 + 0.3 V VDDQ33, VDDQ_SD0 = 3.0 to 3.6 Input low voltage VIL -0.3 — 0.8 V Output low voltage VOL -0.3 — 0.4 V IOL = 4 mA Pin capacitance CL — — 10 pF — All pins Input leakage current ILI — — 1 μA VDDQ33, VDDQ_SD0 = 3.0 to 3.6 Without pull-up or pull-down resistor All input pins Output leakage current ILO — — 1 μA Hi-Z output RZ/G2H RZ/G2M V1.3 RZ/G2N RZ/G2E RZ/G2M V3.0 RZ/G2H RZ/G2M V1.3 RZ/G2N RZ/G2E RZ/G2M V3.0 |