| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RZ/G2M bảng dữ liệu(PDF) 38 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2M bảng dữ liệu(HTML) 38 Page - Renesas Technology Corp |
|
38 / 169 page ![]() RZ/G Series, 2nd Generation Datasheet Section 3. Electrical Characteristics R01DS0483EJ0101 Rev.1.01 Page 38 of 169 Jun 30, 2025 3.2 Power Supply Table 3.2.1 Power Supply for [RZ/G2H] [RZ/G2M V1.3] [RZ/G2M V3.0] [RZ/G2N] Item Symbol Voltage Unit Remarks Min. Typ. Max. Power supply (Internal) VDD 0.75 0.82 0.88 V VDD for power supply and VSS for ground Power supply (Internal) VDD_DVFS 0.76 0.83 0.88 V VDD_DVFS for power supply and VSS for ground. Power supply (3.3-V I/O) VDDQ33 3.1 3.3 3.5 V VDDQ33 for power supply and VSS for ground Power supply (3.3-V I/O [SDHI]) VDDQVA_SDn (n = 0 to 3) 3.1 3.3 3.5 V VDDQVA_SDn for power supply and VSS for ground Power supply (3.3-V I/O [SATA]) VDD33_SATA*1 3.1 3.3 3.5 V VDD33_SATA for power supply and VSS for ground Power supply (3.3-V I/O [PCIE]) VDD33_PCIEn (n = 0, 1) 3.1 3.3 3.5 V VDD33_PCIEn (n = 0, 1) for power supply and VSS for ground Power supply (3.3-V I/O [USB3HSH) VDDQ33_USB3H SHn (n = 0, 1) 3.1 3.3 3.5 V VDDQ33_USB3HSHn (n = 0, 1) for power supply and VSS for ground Power supply (3.3-V I/O [USB3HS) VDDQ33_USB3H Sn (n = 0, 1) 3.1 3.3 3.5 V VDDQ33_USB3HSn (n = 0, 1) for power supply and VSS for ground Power supply (3.3-V I/O [USB3]) VDD33_USB3n (n = 0, 1) 3.1 3.3 3.5 V VDD33_USB3n (n = 0, 1) for power supply and VSS for ground Power supply (3.3-V I/O [USB2H) VDDQ33_USB2H n (n = 0, 1, 2) 3.1 3.3 3.5 V VDDQ33_USB2Hn (n = 0, 1, 2) for power supply and VSS for ground Power supply (3.3-V I/O [USB2]) VDDQ33_USB2 3.1 3.3 3.5 V VDDQ33_USB2 for power supply and VSS for ground Power supply (2.5-V I/O [ETH]) VDDQ25_ETH 2.4 2.5 2.6 V VDDQ25_ETH for power supply and VSS for ground Power supply (1.8-V I/O [VDDQ18]) VDDQ18 1.7 1.8 1.9 V VDDQ18 for power supply and VSS for ground Power supply (1.8-V I/O [HDMI]) VDDQ18_HDMIn (n = 0, 1) 1.7 1.8 1.9 V VDDQ18_HDMIn (n = 0, 1) for power supply and VSS for ground Power supply (1.8-V I/O [LVDS]) VDDQ18_LVDS 1.7 1.8 1.9 V VDDQ18_LVDS for power supply and VSS for ground Power supply (1.8-V I/O [CSI]) VDDQ18_CSIn (n = 0 to 3) 1.7 1.8 1.9 V VDDQ18_CSIn (n = 0 to 3) for power supply and VSS for ground Power supply (1.8-V I/O [SDHI (SDR50, SDR104)]) VDDQVA_SDn (n = 0 to 3) 1.7 1.8 1.9 V VDDQVA_SDn (n = 0 to 3) for power supply and VSS for ground Power supply (1.1-V I/O [DDR (LPDDR4)]) VDDQVA_DDRn (n = 0, 1) 1.06 1.10 1.17 V VDDQVA_DDRn (n = 0, 1) for power supply and VSS for ground Power supply (0.9-VI/O[SATA]) VDD09_SATA*1 0.75 0.82 0.88 V VDD09_SATA for power supply and VSS for ground Power supply (0.9-VI/O[PCIE]) VDD09_PCIEn (n = 0, 1) 0.75 0.82 0.88 V VDD09_PCIEn (n = 0, 1) for power supply and VSS for ground RZ/G2H RZ/G2M V1.3 RZ/G2N RZ/G2E RZ/G2M V3.0 V3.0.3 |