công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F52618ADFN bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện R5F52618ADFN
Giải thích chi tiết về linh kiện  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52618ADFN bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  R5F52618ADFN Datasheet HTML 1Page - Renesas Technology Corp R5F52618ADFN Datasheet HTML 2Page - Renesas Technology Corp R5F52618ADFN Datasheet HTML 3Page - Renesas Technology Corp R5F52618ADFN Datasheet HTML 4Page - Renesas Technology Corp R5F52618ADFN Datasheet HTML 5Page - Renesas Technology Corp R5F52618ADFN Datasheet HTML 6Page - Renesas Technology Corp R5F52618ADFN Datasheet HTML 7Page - Renesas Technology Corp R5F52618ADFN Datasheet HTML 8Page - Renesas Technology Corp R5F52618ADFN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 142 page
background image
R01DS0430EJ0100 Rev.1.00
Page 2 of 142
Jul 31, 2024
RX260 Group, RX261 Group
1. Overview
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 gives a comparison of the functions of the products in
different packages.
Table 1.1 shows the outline of maximum specifications. The peripheral functions and the number of their channels vary
depending on the number of pins of the package. For details, see Table 1.2, Comparison of Functions for Different
Packages.
Table 1.1
Outline of Specifications (1/6)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 64 MHz
 32-bit RX CPU (RX v3)
 Minimum instruction execution time: One instruction per clock cycle
 Address space: 4-Gbyte linear
 Register set
General purpose: Sixteen 32-bit registers
Control: Ten 32-bit registers
Accumulator: Two 72-bit registers
 111 instructions
Standard provided instructions: 111
Basic instructions: 77
Single precision floating point instructions: 11
DSP instructions: 23
 Addressing modes: 11
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32-bit × 32-bit → 64-bit
 On-chip divider: 32-bit ÷ 32-bit → 32 bits
 Barrel shifter: 32 bits
 Memory protection unit (MPU)
FPU
 Single precision (32-bit) floating-point number
 Data types and exceptions in conformance with the IEEE754 standard
Memory
ROM
 Capacity: 512 Kbytes, 384 Kbytes, 256 Kbytes
 32 MHz ≤: No-wait cycle access
 32 MHz to 64 MHz: One-wait cycle access
 Programming/erasing method:
Serial programming (asynchronous serial communication/USB communication), self-
programming
RAM
 Capacity: 128 Kbytes
 64 MHz, no-wait memory access
 Parity error detection
E2 DataFlash
 Capacity: 8 Kbytes
 Number of erase/write cycles: 1,000,000 (typ.)
MCU operating mode
Single-chip mode
Clock
Clock generation circuit
 Main clock oscillator, sub-clock oscillator, low-speed on-chip oscillator, high-speed on-
chip oscillator, PLL frequency synthesizer, PLL2 frequency synthesizer, and IWDT-
dedicated on-chip oscillator
 Oscillation stop detection: Available
 Clock frequency accuracy measurement circuit (CAC)
 Independent settings for the system clock (ICLK), peripheral module clock (PCLKA,
PCLKB, and PCLKD), and FlashIF clock (FCLK)
The CPU and system sections such as other bus masters run in synchronization with
the system clock (ICLK): 64 MHz (at max.)
Peripheral modules of GPTW, and the ECC function control registers in the CANFD
module run in synchronization with PCLKA: 64 MHz (at max.)
ADCLK in the S12AD runs in synchronization with PCLKD: 64 MHz (at max.)
Other peripheral modules run in synchronization with PCLKB: 32 MHz (at max.)
The flash peripheral circuit runs in synchronization with the FCLK: 64 MHz (at max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com