công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY74FCT16646TPVC bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện CY74FCT16646TPVC
Giải thích chi tiết về linh kiện  16-Bit Registered Transceivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16646TPVC bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button CY74FCT16646TPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16646TPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16646TPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16646TPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16646TPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16646TPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16646TPVC Datasheet HTML 8Page - Texas Instruments CY74FCT16646TPVC Datasheet HTML 9Page - Texas Instruments CY74FCT16646TPVC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CY74FCT16646T
CY74FCT162646T
6
Switching Characteristics Over the Operating Range[15]
Parameter
Description
CY74FCT16646T
CY74FCT16646AT
CY74FCT162646AT
Unit
Min.
Max.
Min.
Max.
Fig. No.[16]
tPLH
tPHL
Propagation Delay
Bus to Bus
1.5
9.0
1.5
6.3
ns
1, 2
tPZH
tPZL
Output Enable Time
DIR or OE to Bus
1.5
14.0
1.5
9.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
DIR or OE to Bus
1.5
9.0
1.5
6.3
ns
1, 7, 8
tPLH
tPHL
Propagation Delay
Clock to Bus
1.5
9.0
1.5
6.3
ns
1, 5
tPLH
tPHL
Propagation Delay
SBA or SAB to Bus
1.5
11.0
1.5
7.7
ns
1,5
tSU
Set-Up Time HIGH or
LOW Bus to Clock
2.0
—
2.0
—
ns
4
tH
Hold Time HIGH or
LOW Bus to Clock
1.5
—
1.5
—
ns
4
tW
Clock Pulse Width
HIGH or LOW
5.0
—
5.0
—
ns
6
tSK(O)
Output Skew[17]
—
0.5
—
0.5
ns
—
Parameter
Description
CY74FCT16646CT
CY74FCT162646CT
Unit
Min.
Max.
Fig. No.[16]
tPLH
tPHL
Propagation Delay
Bus to Bus
1.5
5.4
ns
1, 2
tPZH
tPZL
Output Enable Time
DIR or OE to Bus
1.5
7.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
DIR or OE to Bus
1.5
6.3
ns
1, 7, 8
tPLH
tPHL
Propagation Delay
Clock to Bus
1.5
5.7
ns
1, 5
tPLH
tPHL
Propagation Delay
SBA or SAB to Bus
1.5
6.2
ns
1,5
tSU
Set-Up Time HIGH or
LOW Bus to Clock
2.0
—
ns
4
tH
Hold Time HIGH or
LOW Bus to Clock
1.5
—
ns
4
tW
Clock Pulse Width
HIGH or LOW
5.0
—
ns
6
tSK(O)
Output Skew[17]
—
0.5
ns
—
Notes:
15. Minimum limits are specified but not tested on Propagation Delays.
16. See “Parameter Measurement Information” in the General Information section.
17. Skew any two outputs of the same package switching in the same direction. This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com