| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F526TBAGFM bảng dữ liệu(PDF) 118 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TBAGFM bảng dữ liệu(HTML) 118 Page - Renesas Technology Corp |
|
118 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 118 of 142 Oct 31, 2024 RX26T Group 2. Electrical Characteristics Figure 2.76 T-Bit When Controller Ends Read with Repeated Start and Stop Open-drain class pull-up by controller Hi-Z by target T C9 C8 C1 D7 D6 D1 Repeated start (Sr) Stop (P) = High speed active push-pull drive Stop (P) Repeated start (Sr) SDA CR_SDA TGT_SDA SCL 0.3 × VCC 0.7 × VCC 0.3 × VCC 0.7 × VCC 0.3 × VCC 0.7 × VCC 0.3 × VCC 0.7 × VCC 0.3 × VCC 0.7 × VCC 0.3 × VCC 0.7 × VCC tCBSr TCASr tSCO tSCO C9 SDA SCL Active drive by controller or target Hi-Z by controller Note: Sr immediately followed by P is illegal for I2C devices, however many devices are not adversely affected by it. The condition is not illegal for I3C devices. |