công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-21990BSTZ bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADSP-21990BSTZ
Giải thích chi tiết về linh kiện  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BSTZ bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADSP-21990BSTZ Datasheet HTML 1Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 2Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 3Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 4Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 5Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 6Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 7Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 8Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
a
Mixed-Signal DSP Controller
ADSP-21990
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
ADSP-2199x, 16-bit, fixed-point DSP core with up to 160
MIPS sustained performance
8K words of on-chip RAM, configured as 4K words on-chip,
24-bit program RAM and 4K words on-chip, 16-bit
data RAM
External memory interface
Dedicated memory DMA controller for data/instruction
transfer between internal/external memory
Programmable PLL and flexible clock generation circuitry
enables full speed operation from low speed input clocks
IEEE JTAG Standard 1149.1 test access port supports on-chip
emulation and system debugging
8-channel, 14-bit analog-to-digital converter system, with up
to 20 MSPS sampling rate (at 160 MHz core clock rate)
3-phase, 16-bit, center-based PWM generation unit with 12.5
ns resolution at 160 MHz core clock (CCLK) rate
Dedicated 32-bit encoder interface unit with companion
encoder event timer
Dual 16-bit auxiliary PWM outputs
16 general-purpose flag I/O pins
3 programmable 32-bit interval timers
SPI communications port with master or slave operation
Synchronous serial communications port (SPORT) capable of
software UART emulation
Integrated watchdog timer
Dedicated peripheral interrupt controller with software
priority control
Multiple boot modes
Precision 1.0 V voltage reference
Integrated power-on-reset (POR) generator
Flexible power management with selectable power-down
and idle modes
2.5 V internal operation with 3.3 V I/O
Operating temperature range of –40 C to +85 C
196-ball CSP_BGA and 176-lead LQFP package
Figure 1. Functional Block Diagram
ADC
CONTROL
VREF
PIPELINE
FLASH ADC
CLOCK
GENERATOR/PLL
PM ADDRESS/DATA
DM ADDRESS/DATA
I/O
BUS
4k
16
DM RAM
4k
24
PM RAM
EXTERNAL
MEMORY
INTERFACE
(EMI)
TIMER 0
TIMER 1
TIMER 2
4k
24
PM ROM
ADSP-219x
DSP CORE
JTAG
TEST AND
EMULATION
ADDRESS
DATA
CONTROL
I/O REGISTERS
PWM
GENERATION
UNIT
ENCODER
INTERFACE
UNIT
(AND EET)
AUXILIARY
PWM
UNIT
FLAG
I/O
SPI
SPORT
WATCHDOG
TIMER
INTERRUPT
CONTROLLER
(ICNTL)
POR
MEMORY DMA
CONTROLLER


Số phần tương tự - ADSP-21990BSTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
Mixed-Signal DSP Controller
REV. A
More results

Mô tả tương tự - ADSP-21990BSTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADSP-21991 AD-ADSP-21991 Datasheet
589Kb / 44P
Mixed Signal DSP Co
REV.0
ADSP-21992 AD-ADSP-21992_07 Datasheet
1Mb / 60P
Mixed-Signal DSP Controller with CAN
8/07-Rev. 0 to Rev. A
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
Mixed Signal DSP Controller
REV. 0
ADSP-21992 AD-ADSP-21992_15 Datasheet
2Mb / 60P
Mixed-Signal DSP Controller with CAN
REV. A
ADSP-21992 AD-ADSP-21992 Datasheet
519Kb / 48P
Mixed Signal DSP Controller With CAN
REV. PrA
logo
HYCON Technology Corpor...
HY16F188 HYCON-HY16F188 Datasheet
2Mb / 49P
High Precision Mixed-Signal Controller
HY16F198B HYCON-HY16F198B Datasheet
2Mb / 77P
High Precision Mixed-Signal Controller
HY16F3981 HYCON-HY16F3981 Datasheet
1Mb / 64P
High Precision Mixed-Signal Controller
logo
Texas Instruments
MSP430F5438A-ET TI-MSP430F5438A-ET Datasheet
1Mb / 95P
MSP430F5438A-ET Mixed-Signal Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com