| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F526TFADFN bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TFADFN bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp |
|
6 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 6 of 142 Oct 31, 2024 RX26T Group 1. Overview Timers General PWM timer (GPTWa) 32 bits × 8 channels (products with 64 Kbytes of RAM) 16 bits × 8 channels (products with 48 Kbytes of RAM) Counting up or down (sawtooth-wave), counting up and down (triangle-wave) selectable for all channels Clock sources independently selectable for each channel 2 input/output pins per channel 2 output compare/input capture registers per channel For the 2 output compare/input capture registers of each channel, 4 registers are provided as buffer registers and are capable of operating as comparison registers when buffering is not in use. In output compare operation, buffer switching can be at peaks or troughs, enabling the generation of laterally asymmetrically PWM waveforms. Registers for setting up frame intervals on each channel (with capability for generating interrupts on overflow or underflow) Generation of dead times in PWM operation Capable of synchronous start, stop, or clearing of counter for any channel Capable of a start, stop, clearing, or up-/down-counting of the counter supporting maximum of 8 ELC events Capable of a start, stop, clearing, or up-/down-counting of the counter supporting input level comparison Capable of a start, stop, clearing, or up-/down-counting of the counter supporting maximum of 4 external triggers Output pin disabling function by a dead time error or a short circuit detection among output pins Capable of generating conversion start triggers for the A/D converters as well as monitoring external pins for a start timing of conversion. Capable of outputting events, such as compare-match from A to F and overflow/ underflow, to ELC Capable of using noise filter of input capture Periodic counting Internal peripheral bus clock: PCLKA Counter reference clock: PCLKC Frequency ratio: PCLKA to PCLKC = 1: N (N = 1 or 2) High resolution PWM (HRPWM) Capable of generating the PWM waveform that is generated by GPTW0 through GPTW3 with resolution of minimum of 260 ps. Port output enable for GPTW (POEG) Controlling the output disable for GPTW waveform output Initiation by input level detection of GTETRG pins Initiation by output disable request from GPTW Initiation by detection of comparator interrupt request Initiation by detection of oscillation stop or by software Table 1.1 Outline of Specifications (5/9) Classification Module/Function Description |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |