công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLJ3CFB bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp

tên linh kiện R7F100LLJ3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLJ3CFB bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp

Back Button R7F100LLJ3CFB Datasheet HTML 45Page - Renesas Technology Corp R7F100LLJ3CFB Datasheet HTML 46Page - Renesas Technology Corp R7F100LLJ3CFB Datasheet HTML 47Page - Renesas Technology Corp R7F100LLJ3CFB Datasheet HTML 48Page - Renesas Technology Corp R7F100LLJ3CFB Datasheet HTML 49Page - Renesas Technology Corp R7F100LLJ3CFB Datasheet HTML 50Page - Renesas Technology Corp R7F100LLJ3CFB Datasheet HTML 51Page - Renesas Technology Corp R7F100LLJ3CFB Datasheet HTML 52Page - Renesas Technology Corp R7F100LLJ3CFB Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 49 of 145
Oct 31, 2025
Note
The rating for the following port pins is 80 mA when IOL1 = 40.0 mA is specified by the 40-mA port output control register
(PTDC).
Pins P00, P05, and P16 of 44- to 52-pin products, and of 64-pin products with 64- to 128-Kbyte code flash memory
Pins P07, P10, and P27 of 64-pin products with 256- to 512-Kbyte code flash memory, and of 80- and 100-pin products
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Remark
The characteristics of functions multiplexed on a given pin are the same as those for the port pin unless otherwise
specified.
(2/2)
Item
Symbols
Conditions
Ratings
Unit
High-level output current
IOH1
Per pin
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P40 to P47, P50 to P57,
P64 to P67, P70 to P77, P80 to P87,
P90 to P97, P125 to P127, P130, P140 to P147
-40
mA
Total of all pins
-170 mA
P40 to P47, P66, P67, P130, P140
-70
mA
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P50 to P57, P64, P65, P70 to P77,
P80 to P87, P90 to P97, P125 to P127,
P141 to P147
-100
mA
IOH2
Per pin
P20, P21, P121, P122
-5
mA
Total of all pins
-20
mA
Low-level output current
IOL1
Per pin
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P40 to P47, P50 to P57,
P64 to P67, P70 to P77, P80 to P87,
P90 to P97, P125 to P127, P130, P140 to P147
40Note
mA
Total of all pins
170 mA
P40 to P47, P66, P67, P130, P140
70
mA
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P50 to P57, P64, P65, P70 to P77,
P80 to P87, P90 to P97, P125 to P127,
P141 to P147
100
mA
IOL2
Per pin
P20, P21, P121, P122
10
mA
Total of all pins
20
mA
Ambient operating
temperature
TA
In normal operation mode
-40 to +105
°C
In flash memory programming mode
-40 to +105
Storage temperature
Tstg
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com