công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EHS-M2TC bảng dữ liệu(PDF) 7 Page - PATLITE CORPORATION.

tên linh kiện EHS-M2TC
Giải thích chi tiết về linh kiện  Horn Type Annunciator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PATLITE [PATLITE CORPORATION.]
Trang chủ  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

EHS-M2TC bảng dữ liệu(HTML) 7 Page - PATLITE CORPORATION.

Back Button EHS-M2TC Datasheet HTML 3Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 4Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 5Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 6Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 7Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 8Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 9Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 10Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 11Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
The sound groups that can be played back are selectable from eight groups of A through H with
the Mode Switch (DIPSW). (For bit input)
A sound group cannot be selected when "(2) channel input method" is set for binary.
Sounds for group H can be rearranged freely.
In order to transfer the setting data, the SD card can be used for recombination and transmitting it to the product.
Setting data is created as regular data in a text format and the name is saved as OTO-LIST.TXT.
Refer to "8. Sound List" for the Mode Switch (DIPSW) and sound group combination which can be selected.
* Refer to "8. Sound List" for the sound numbers.
* Factory Setting: Group A
5. Functionality Details
5-1. Sound Group
Drawing No.
Rev.
Page
J
The sound number plays back on channel 4
The sound number plays back on channel 3
The sound number plays back on channel 2
The sound number plays back on channel 1
The sound number plays back on channel 8
The sound number plays back on channel 7
The sound number plays back on channel 6
The sound number plays back on channel 5
7/13
EHS-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com