công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EHS-M2 bảng dữ liệu(PDF) 1 Page - PATLITE CORPORATION.

tên linh kiện EHS-M2
Giải thích chi tiết về linh kiện  Horn Type Annunciator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PATLITE [PATLITE CORPORATION.]
Trang chủ  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

EHS-M2 bảng dữ liệu(HTML) 1 Page - PATLITE CORPORATION.

  EHS-M2 Datasheet HTML 1Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 2Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 3Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 4Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 5Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 6Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 7Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 8Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1. Specifications
1-1. General Specification
Product Name
Horn Type Annunciator
Typ.
Model
EHS-M1
Rated Voltage
DC12 V-DC 24V
Upright position from horn opening at a distance of 1m.
Volume at maximum and "Stutter" alarm played
Outer Dimensions
7. Outer Dimensions
Operating Ambient Temperature
5.0W (at DC 12 V)
Impact Resistance
DC10.8 V-DC 35V
Max.
Operating Voltage Range
Mounting Direction
Upside-down
Upright
Sideways
Protection Rating
Environmental Condition
IP65 (IEC 60529)
Maximum: 110 dB
Page
SPECIFICATIONS
Drawing No.
Rev.
J
Conforms to the UKCA Requirements
Mass (Tolerance ±10%)
FCC Part15 SubpartB Class A
Vibration Resistance
45.0m/s
2 IEC 60068-2-6:2007 (Upright Position)
Insulation Resistance
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
1.25kg
250m/s
2 6ms for 1,000 times (3 axis 1 direction); 500m/s2 11ms for 3 times (3 axis both directions)
IEC 60068-2-27:2008 (Upright Position)
EMC Directive (EN 61000-6-4, EN 61000-6-2)
SD Card Format
Withstand Voltage
500VAC applied for 1min between live part and non-current carrying metallic part
without breaking insulation
Environmental
Condition
Sound Pressure Level
KC (KN35, KN32)
Remarks
UL Listed (File No.S24210)
Conforms to the CE Requirements
Supported Memory Card
SD Card / SDHC Card
FAT 16, 32
Compliance Standards
At maximum volume and "Rapid Hi-Lo" alarm playback
4A or less (at DC12 V)
Operating Ambient Humidity
Storage Ambient Temperature
-30 ℃ to +60 ℃
450mA
Rated Power
Consumption
(for NPN/No-voltage)
Max.
5.2W (at DC 12 V)
Conditions
At maximum volume and "Rapid Hi-Lo" alarm playback
Rated Current Consumption
Conditions
Inrush Current
RoHS Directive (EN IEC 63000)
UL 464, CSA-C22.2 No. 205
Rated Power
Consumption
(for PNP/Voltage Input)
Typ.
5.9W (at DC 12 V)
Conditions
At maximum volume and "Rapid Hi-Lo" alarm playback
Max.
7.6W (at DC 31.6 V)
Conditions
At maximum volume and "Rapid Hi-Lo" alarm playback
Storage Ambient Humidity
Less than 85% (No condensation)
9A or less (at DC24 V)
12.5A or less (at DC35 V)
Less than 85% (No condensation)
-20 ℃ to +50 ℃
Mounting Location
Indoors/Outdoors
Upright Installation
Recommended Parts: SDV-2GP□ (option)
1/13
EHS-W18


Số phần tương tự - EHS-M2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LEMO Connectors
EHS.0F.303.XLC LEMO-EHS.0F.303.XLC Datasheet
144Kb / 4P
F - Rugged Push-Pull
EHS.0F.304.XLC LEMO-EHS.0F.304.XLC Datasheet
160Kb / 5P
F - Rugged Push-Pull
EHS.0F.305.XLC LEMO-EHS.0F.305.XLC Datasheet
116Kb / 4P
F - Rugged Push-Pull
EHS.1F.305.XLC LEMO-EHS.1F.305.XLC Datasheet
116Kb / 4P
F - Rugged Push-Pull
EHS.1F.307.XLC LEMO-EHS.1F.307.XLC Datasheet
173Kb / 4P
F - Rugged Push-Pull
More results

Mô tả tương tự - EHS-M2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
Fire Command Center, Fire Annunciator
D1257 ETC2-D1257 Datasheet
121Kb / 2P
Fire Annunciator
2800-SCS-8 ETC2-2800-SCS-8 Datasheet
64Kb / 1P
Fan Control Annunciator Module
logo
Advanced Technical Mate...
250-442EM-NF ATM-250-442EM-NF Datasheet
54Kb / 1P
OIUTLINE WRD250, TYPE-N(F) WG HORN
180-442-KF ATM-180-442-KF Datasheet
40Kb / 1P
OUTLINE, WRD180 WIDE BAND HORN, TYPE-K
logo
Gamewell-FCI by Honeywe...
1100-0505 GAMEWELL-FCI-1100-0505 Datasheet
43Kb / 1P
Network graphic annunciator
RAN-400 GAMEWELL-FCI-RAN-400 Datasheet
82Kb / 2P
Remote Annunciator
1100-0505 GAMEWELL-FCI-1100-0505_13 Datasheet
80Kb / 2P
NGA Network Graphic Annunciator
LCD-SLP GAMEWELL-FCI-LCD-SLP Datasheet
61Kb / 1P
LCD Touchscreen Annunciator Display
RAN-7100 GAMEWELL-FCI-RAN-7100 Datasheet
68Kb / 1P
Remote Alphanumeric Annunciator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com