| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8959 bảng dữ liệu(PDF) 61 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8959 bảng dữ liệu(HTML) 61 Page - Wolfson Microelectronics plc |
|
61 / 155 page ![]() Pre-Production WM8959 w PP, May 2008, Rev 3.1 61 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 8 OPVU[1] N/A Output PGA Volume Update Writing a 1 to this bit will update LOPGA, ROPGA, LOUTVOL and ROUTVOL volumes simultaneously. 7 ROZC 0b ROUT (Right Headphone Output) Zero Cross Enable 0 = Zero cross disabled 1 = Zero cross enabled R29 (1Dh) 6:0 ROUTVOL [6:0] 00h (mute) ROUT (Right Headphone Output) Volume (See Table 28 for output PGA volume control range) Table 27 LOPGA, ROPGA, LOUT and ROUT Volume Control |