công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NE-ST-USB bảng dữ liệu(PDF) 1 Page - PATLITE CORPORATION.

tên linh kiện NE-ST-USB
Giải thích chi tiết về linh kiện  USB Controlled Multicolor Signal Beacon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PATLITE [PATLITE CORPORATION.]
Trang chủ  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NE-ST-USB bảng dữ liệu(HTML) 1 Page - PATLITE CORPORATION.

  NE-ST-USB Datasheet HTML 1Page - PATLITE CORPORATION. NE-ST-USB Datasheet HTML 2Page - PATLITE CORPORATION. NE-ST-USB Datasheet HTML 3Page - PATLITE CORPORATION. NE-ST-USB Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
[General Specifications]
Touch Sensor input method
Communication Method
-
-
Electrostatic
Capacitance
NE-WN-USB
NE-WT-USB
Drawing No.
Rev.
Page
C
Product Name
USB Controlled Multicolor Signal Beacon
Model
SPECIFICATIONS
Rated Voltage
5V DC(USB Bus Power)
NE-SN-USB
NE-ST-USB
Operating Voltage Range
Rated Voltage ±5%(Compliant with USB 2.0 standard)
Rated Current
Consumption
Max.
Environmental
Condition
Luminous Color: White
Buzzer: Buzzer Pattern 「No.1 Continuous」,Volume Level「Max」
205mA
215mA
170mA
180mA
Operating Ambient Temperature
-20℃ to +50℃
-25℃ to +60℃
Operating Ambient Humidity
Less than 90% (No condensation)
Storage Ambient Temperature
-20℃ to +50℃
-25℃ to +60℃
Storage Ambient Humidity
Less than 90% (No condensation)
Mounting Location
Indoor
Mounting Direction
All Directions
All Directions
(Upright only if waterproofness is necessary.)
Protection Rating
IP20
IP65
All Directions
Upright
(IP20 except for upright)
Environmenta
Condition
Insulation Resistance
More than 5Mohm at DC500V between live part and non-current carrying metallic part
Withstand Voltage
500VAC for 1min between live part and non-current carrying metallic part
without breaking insulation
Buzzer
Sound Pressure Level
Typ. 65dB
Typ. 85dB
Environmental
Condition
Front direction from the surface/at 1m
Buzzer Pattern 「No.2 Sweep Sound」
Volume change Levels
10 levels ( None … Max )
Luminous Color
Red / Amber /Green / Blue / Cyan / Purple / White
0.068 kg
Electrostatic
Capacitance
Mass (Tolerance ±10%)
0.075 kg
Front direction from the surface/at 0.5m
Buzzer Pattern 「No.2 Sweep Sound」
(Without accessories)
Outer Dimensions
Refer to the Outer Dimension Drawing
Supported OS
Windows(DLL) / Mac / Linux
(Download from the Homepage)
USB2.0 Full Speed (Device Class: HID)
Conformity
Standards
CSA C22.2 No.62368-1, UL62368-1(File No.E480103)
EN 55032,EN 55035
KS C 9832,KS C 9835
ICES-003 Class B
EN IEC 63000
FCC Part15 Subpart B Class B
1/4
NE-USB-W18


Số phần tương tự - NE-ST-USB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PATLITE CORPORATION.
NE-001D PATLITE-NE-001D Datasheet
185Kb / 1P
Pole Braket
Rev. A
NE-002D PATLITE-NE-002D Datasheet
205Kb / 1P
Wall Mount Bracket
Rev. A
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18 Datasheet
421Kb / 9P
Various contact configurations
NE-18 CK-COMPONENTS-NE-18 Datasheet
1Mb / 9P
Mains / Power Switches
22 Dec 21
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
Mains / Power Switches
22 Dec 21
More results

Mô tả tương tự - NE-ST-USB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
QT Optoelectronics
MV5A164 QT-MV5A164 Datasheet
190Kb / 2P
MULTICOLOR BARGRAPH
logo
Fairchild Semiconductor
MV5A164 FAIRCHILD-MV5A164 Datasheet
215Kb / 3P
MULTICOLOR BARGRAPH
logo
Toshiba Semiconductor
TC90A49P TOSHIBA-TC90A49P Datasheet
337Kb / 17P
3LINE DIGITAL Y / C SEPARATOR IC (MULTICOLOR TYPE)
06-Mar-2001
logo
Lite-On Technology Corp...
LTP-251FFA LITEON-LTP-251FFA Datasheet
939Kb / 5P
2.5 16x16 MULTICOLOR DOT MATRIX DISPLAY
logo
Adam Technologies, Inc.
USBP-A-XXV-RA ADAM-TECH-USBP-A-XXV-RA Datasheet
109Kb / 1P
USB POWER & SIGNAL W/LEDS SIGNAL USB & POWER USB COMBINATION
logo
Teledyne Technologies I...
MMA TELEDYNE-MMA Datasheet
474Kb / 5P
Controlled with USB or Ethernet
logo
Curtis Electromusic.
CEM3389 CES-CEM3389 Datasheet
1Mb / 8P
VOLTAGE CONTROLLED SIGNAL PROCESSOR
CEM5570 CES-CEM5570 Datasheet
462Kb / 14P
BUS CONTROLLED SIGNAL PROCESSOR
logo
Banner Engineering Corp...
TL70 BANNER-TL70_V03 Datasheet
117Kb / 2P
TL70 Multicolor RGB Tower Light Module
TL70 BANNER-TL70_V02 Datasheet
118Kb / 2P
TL70 Multicolor Tower Light Module
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com