| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HS1 bảng dữ liệu(PDF) 7 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
HS1 bảng dữ liệu(HTML) 7 Page - Clarke International |
|
7 / 32 page ![]() 7 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com power source, control, work table and water circulator to the building earth. Conductors must be adequate to carry earth currents safely. Equipment made electrically LIVE by stray current may shock, possibly fatally. Do not EARTH to an electrical conduit or to a pipe carrying ANY gas or a flammable liquid such as oil or fuel. 2) TORCH A fully insulated torch should be used without protruding screws or other damage. 3) CONNECTORS Fully insulated lock-type connectors should be used to join a welding cable. 4) CABLES Frequently inspect cables for wear, cracks and damage. IMMEDIATELY REPLACE those with excessively worn or damaged insulation to avoid possibly lethal shock from bare cable. Cables with damaged areas may be taped to give resistance equivalent to original cable. Keep cable dry, free of oil and grease and protected from hot metal and sparks. 5) TERMINALS AND OTHER EXPOSED PARTS Terminals and other exposed parts of electrical units should have insulating covers secured before operation. 6) SAFETY DEVICES Safety devices such as interlocks and circuit breakers should not be disconnected or shunted out. Before installation, inspection, or servicing of equipment, shut OFF all power and remove line fuses (or lock or red-tag switches) to prevent accidental turning ON of power. DO NOT open the power circuit or change polarity while welding. If, in an emergency, it must be disconnected, guard against shock burns, or flash from switch arcing. Always shut OFF and disconnect all power to equipment. A power disconnect switch must be available near the welding power source. |