công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGH2DFB bảng dữ liệu(PDF) 64 Page - Renesas Technology Corp

tên linh kiện R7F100GGH2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGH2DFB bảng dữ liệu(HTML) 64 Page - Renesas Technology Corp

Back Button R7F100GGH2DFB Datasheet HTML 60Page - Renesas Technology Corp R7F100GGH2DFB Datasheet HTML 61Page - Renesas Technology Corp R7F100GGH2DFB Datasheet HTML 62Page - Renesas Technology Corp R7F100GGH2DFB Datasheet HTML 63Page - Renesas Technology Corp R7F100GGH2DFB Datasheet HTML 64Page - Renesas Technology Corp R7F100GGH2DFB Datasheet HTML 65Page - Renesas Technology Corp R7F100GGH2DFB Datasheet HTML 66Page - Renesas Technology Corp R7F100GGH2DFB Datasheet HTML 67Page - Renesas Technology Corp R7F100GGH2DFB Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 183 page
background image
RL78/G23
1. Outline
R01DS0395EJ0140 Rev.1.40
Page 64 of 177
Oct 31, 2025
Timers
16-bit timer
8 channels
12 channels
16 channels
Watchdog timer
1 channel
Realtime clock (RTC)
1 channel
32-bit interval timer
(TML32)
1 channel in 32-bit counter mode,
2 channels in 16-bit counter mode,
4 channels in 8-bit counter mode
Timer output
5 channels
(PWM outputs:
4Note 5),
8 channels
(PWM outputs:
7Note 5)Note 6
8 channels
(PWM outputs:
7Note 5)
12 channels
(PWM outputs: 10Note 5)
16 channels
(PWM outputs:
14Note 5)
RTC output
1 channel
Clock output/buzzer output
2 channels
• 3.91 kHz, 7.81 kHz, 15.63 kHz, 2 MHz, 4 MHz, 8 MHz, 16 MHz
(at the 32-MHz operation with the main system clock (fMAIN))
• 256 Hz, 512 Hz, 1.024 kHz, 2.048 kHz, 4.096 kHz, 8.192 kHz, 16.384 kHz, 32.768 kHz
(at the 32.768-kHz operation with the low-speed peripheral clock (fSXP))
8-/10-/12-bit resolution A/D converter
12 channels
12 channels
17 channels
20 channels
26 channels
D/A converter
2 channels
Comparator
2 channels
Serial interfaces
[52-pin products]
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 1 channel/simplified I2C: 1 channel/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-
bus): 1 channel
[64-pin products]
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-
bus): 1 channel
[80- to 128-pin products]
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-
bus): 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
UARTA
2 channels
I2C bus
2 channels
Remote control signal receiver
1 channel
Data transfer controller (DTC)
36 sources
37 sources
39 sources
Logic and event link controller (ELCL)
1
SNOOZE mode sequencer (SMS)
1
Capacitive
sensing unit
ROM size: 96 to 128 KB
10
12
30
32
32
ROM size: 192 to 768 KB
20
22
30
32
32
Vectored
interrupt
sources
Internal
39
39
44
44
48
External
12
13
13
13
13
Key interrupt
8
(2/3)
Item
52-pin
64-pin
80-pin
100-pin
128-pin
R7F100GJx
R7F100GLx
R7F100GMx
R7F100GPx
R7F100GSx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com