| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMA200 bảng dữ liệu(PDF) 21 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
MMA200 bảng dữ liệu(HTML) 21 Page - Clarke International |
|
21 / 32 page ![]() 21 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 7. Switch ON using the switch mounted on the rear panel. The green light on the front panel will glow. 8. If the machine stops at any time and the amber light comes ON, the thermal overload has intervened. Wait until the welder has cooled sufficiently (the amber light goes out) before restarting work. Open the gas valve on the torch handle, • This will allow gas to flow from the torch nozzle. 9. Cover your face with the head shield, bring the torch to within 3-4mm of the work, and at an angle of 45°, so that the ceramic nozzle gently touches the work surface. 10. Scratch the tip of the electrode against the piece to be welded, as soon as the welding arc starts, remove the electrode to a distance of 3-4 mm, and continue the weld. (See notes below). • This method is referred to as ‘Scratch Arc’. 11. To stop welding, simply remove the torch from the workpiece. 12. Turn OFF the gas as soon as you finish welding. Note: • To avoid a visible strike mark on the surface of the workpiece it is advisable to strike the arc in the joint where the mark will be concealed by the weld. • Thin sheet and stainless steel may be welded with or without filler, similar to gas welding. • The filler is fed in at the edge of the pool. The rod must not touch the tip of the electrode or enter the arc. The end of the rod must always be shielded by the argon atmosphere to prevent as far as possible the formation of oxides of its surface. When welding stainless steel and copper, it is often possible to feed in the filler continuously at the edge of the pool. |