công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD65 bảng dữ liệu(PDF) 3 Page - LightGraphix

tên linh kiện LD65
Giải thích chi tiết về linh kiện  MINIATURE IN GROUND LED PATH MARKER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LIGHTGRAPHIX [LightGraphix]
Trang chủ  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD65 bảng dữ liệu(HTML) 3 Page - LightGraphix

  LD65 Datasheet HTML 1Page - LightGraphix LD65 Datasheet HTML 2Page - LightGraphix LD65 Datasheet HTML 3Page - LightGraphix LD65 Datasheet HTML 4Page - LightGraphix LD65 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LD65
Data sheet issued: 8 April 2026
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD65
Please refer to our finishes guide for full details
AVAILABLE FINISHES
316 STAINLESS STEEL
POLISHED & PASSIVATED
316 STAINLESS STEEL
FLAMED SOLID BRONZE
>
Marine grade 316 Steel
>
Standard machined finish
>
Extremely durable with very high
corrosion resistance
>
Passivation recommended for marine
environments to prevent corrosion and
build up of brown stains caused by
oxidation
>
Interior & exterior use
>
Marine Grade 316 Steel
>
Mirror like finish
>
Extremely durable with very high
corrosion resistance
>
Passivated to extensively prolong
resistance to corrosion and brown
stains caused by oxidation in marine
environments
>
Interior & exterior use
PAINT FINISH - POWDER COAT
>
White (RAL 9016), Black (RAL 9005),
Classic Bronze (YM262E),
Gunmetal Grey (RAL 7021)
Textured Fir Green (RAL 6009),
Textured Mars Bronze,
and other RAL colours available
>
Smooth matt texture unless stated
otherwise
>
Not recommended for footlights in high
traffic areas
>
Interior & exterior use
>
Solid Bronze
>
Hand finished Flamed Bronze unique to
LightGraphix
>
Extremely durable with very high
corrosion resistance.
>
Please note a natural dark patination
layer will form after long term exposure
to the elements, the extent of this
discolouration will be dependant on
its location.
>
Interior & exterior use
/480
Fixing Sleeve with ‘O’ rings
120°
14
27
41
Cut-Out
Ø32
Ø27
Ø50
Cut-out
Ø32
Ø27
14
27
41
Ø50
25
Ø36.6
200
0.8
/480GT
Ground Tube
0.8
200
Ø36.6
25
120°
120°
14
27
41
Cut-Out
Ø32
Ø27
Ø50.5
/480
Fixing Sleeve with ‘O’ rings
120°
120°
Dimensions in mm
DIMENSIONS & FIXING OPTIONS
/480 Sleeve and O-rings
Robust, watertight method of fixing for in-ground applications.
/480GT Ground tube
The in-ground tube has been designed for applications where a recessed uplighter is
required in soil or gravel surfaces. The tube can be buried with the necessary wiring,
and then the fitting installed after the landscaping work has been completed. It is
supplied with the fixing sleeve bonded into the tube, and can be cut down on site.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com