công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD153 bảng dữ liệu(PDF) 4 Page - LightGraphix

tên linh kiện LD153
Giải thích chi tiết về linh kiện  HIGH-POWER INTERIOR/EXTERIOR LED UPLIGHT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LIGHTGRAPHIX [LightGraphix]
Trang chủ  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD153 bảng dữ liệu(HTML) 4 Page - LightGraphix

  LD153 Datasheet HTML 1Page - LightGraphix LD153 Datasheet HTML 2Page - LightGraphix LD153 Datasheet HTML 3Page - LightGraphix LD153 Datasheet HTML 4Page - LightGraphix LD153 Datasheet HTML 5Page - LightGraphix LD153 Datasheet HTML 6Page - LightGraphix LD153 Datasheet HTML 7Page - LightGraphix LD153 Datasheet HTML 8Page - LightGraphix LD153 Datasheet HTML 9Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LD153
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
4 of 9 | Data sheet issued: 12 January 2026
/483S First fix sleeve
First fix sleeve is polypropylene, with a finned top to fix into various surfaces.
/483N or /483N-2 Concrete housing
Must be used when specifying the 700mA fitting. The aluminium housing is used as a
heat sink which keeps the LED fitting cool through the thermal transfer of the heat
within the housing to the surrounding concrete. The housings are big enough for IP rated
connections to be made inside the housing and a second gland is available for cabling
onto the next luminaire.
LD153 / 483S First Fix Sleeve
Ø100
Ø170
24
Ø100
43.5
85
Ø100
Ø89 Cut-out
Ø73
32
Ø100
2.5
2.5
LD153 / 483N Concrete Housing
112
50
32
PG9
Gland
32
85
Ø89 Cut-out
32
Ø100
Ø100
Ø170
24
Ø100
Ø100
2.5
112
50
32
PG9
Gland
Ø100
Ø170
24
Ø100
Ø100
2.5
112
50
32
PG9
Gland
Ø100
Ø170
24
Ø100
Ø100
2.5
112
50
32
PG9
Gland
Ø100
Ø170
24
Ø100
Ø100
2.5
112
50
32
PG9
Gland
Ø100
32 43.5
85
2.5
Ø73
Ø89 Cut-out
DIMENSIONS AND FIXING ACCESSORIES
Fitting pushed into housing
1
Orientate fitting. Then tighten 4 screws
2
Ring is pulled up and expands the O ring,
locking fitting into the housing
3
FIXING MECHANISM
/ID Optional integral non dimming driver (single colour only at 350mA or 500mA).
/483N
Concrete housing with 1x PG9 IP67 gland
/483N-2
Concrete housing with 2x PG9 IP67 gland
Dimensions in mm
LD153 / 483S First Fix Sleeve
Ø100
Ø170
24
Ø100
43.5
85
Ø100
Ø89 Cut-out
Ø73
32
Ø100
2.5
2.5
LD153 / 483N / 483N-2 Concrete Housing
112
50
32
PG9
Gland
32
85
Ø89 Cut-out
32
Ø100
Ø100
Ø170
24
Ø100
Ø100
2.5
112
50
32
PG9
Gland
Ø100
Ø170
24
Ø100
Ø100
2.5
112
50
32
PG9
Gland
50
Ø100
Ø170
24
Ø100
Ø100
2.5
112
50
32
PG9
Gland
Ø100
Ø170
24
Ø100
Ø100
2.5
112
50
32
PG9
Gland
Ø100
2.5
50
112
Ø170
24
PG9
Gland
32



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com