| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F10366ASM bảng dữ liệu(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10366ASM bảng dữ liệu(HTML) 46 Page - Renesas Technology Corp |
|
46 / 114 page ![]() RL78/G12 2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C) R01DS0193EJ0250 Rev.2.50 Jan 17, 2025 Page 46 of 109 Simplified SPI (CSI) mode serial transfer timing (master mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1) Input data Output data SIp SOp tKCY1 tKL1 tKH1 tSIK1 tKSI1 tKSO1 SCKp Simplified SPI (CSI) mode serial transfer timing (master mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) tKCY1 tKL1 tKH1 tSIK1 tKSI1 tKSO1 SIp SOp SCKp Input data Output data |