| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SWP900A bảng dữ liệu(PDF) 8 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
SWP900A bảng dữ liệu(HTML) 8 Page - Clarke International |
|
8 / 12 page ![]() 8 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com TROUBLESHOOTING If this does not solve your problem, please contact the Clarke service department. PROBLEM SOLUTION PUMP WILL NOT START 1. Make sure that the power is switched on. 2. Check fuse (consult an electrician if in doubt). 3. If extension lead is fitted, check connections (consult an electrician if in doubt). 4. Internal thermal cut-out has not re-set. Leave for 5-10 minutes and try again. 5. The impeller may be jammed. Disconnect from the mains supply and remove any objects that may be obstructing the impeller. 6. Float switch may be jammed against side wall, or prevented from moving. 7. Water level too low - float switch in OFF position - lift float to check switch. 8. If the pump still fails to start, consult your CLARKE dealer. PUMP WILL START BUT NOT PUMP 1. Check that the inlet is not blocked. 2. Check that the discharge tube is not clogged or obstructed. 3. The head may be too great, i.e. you are trying to lift the water too great a distance for the pump to cope with. (“When the pump is not being used for extended periods, clean and dry it thoroughly and store in indoors. if the pump is left in water, it must be run at least once a week to prevent it from seizing up.” on page 7). 4. Air bubble in the pump, produced during immersion. Immerse the pump again, at an angle, and shake it whilst lowering to remove any air trapped in the system. 5. Impeller may be damaged - Consult your CLARKE dealer. PUMP WILL NOT STOP 1. Float switch may be prevented from moving to the fully down position. 2. Float switch may be faulty. Consult your CLARKE dealer for advice. PUMP STOPS RUNNING 1. Thermal overload has operated. Leave for 5-10 minutes and try again. 2. Pump has run dry, or float switch has cut in. 3. A foreign object has jammed the impeller. |