công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95256-RMN6/A bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện M95256-RMN6/A
Giải thích chi tiết về linh kiện  256 Kbit Serial SPI bus EEPROM with high speed clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-RMN6/A bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  M95256-RMN6/A Datasheet HTML 1Page - STMicroelectronics M95256-RMN6/A Datasheet HTML 2Page - STMicroelectronics M95256-RMN6/A Datasheet HTML 3Page - STMicroelectronics M95256-RMN6/A Datasheet HTML 4Page - STMicroelectronics M95256-RMN6/A Datasheet HTML 5Page - STMicroelectronics M95256-RMN6/A Datasheet HTML 6Page - STMicroelectronics M95256-RMN6/A Datasheet HTML 7Page - STMicroelectronics M95256-RMN6/A Datasheet HTML 8Page - STMicroelectronics M95256-RMN6/A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5/39
M95256, M95128
SUMMARY DESCRIPTION
These electrically erasable programmable memo-
ry (EEPROM) devices are accessed by a high
speed SPI-compatible bus. The memory array is
organized as 32768 x 8 bit (M95256) and 16384 x
8 bit (M95128).
The device is accessed by a simple serial interface
that is SPI-compatible. The bus signals are C, D
and Q, as shown in Table 2. and Figure 2..
The device is selected when Chip Select (S) is tak-
en Low. Communications with the device can be
interrupted using Hold (HOLD).
Figure 2. Logic Diagram
Figure 3. DIP, SO and TSSOP Connections
Note: See PACKAGE MECHANICAL section for package dimen-
sions, and how to identify pin-1.
Table 2. Signal Names
AI01789C
S
VCC
M95xxx
HOLD
VSS
W
Q
C
D
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
D
VSS
C
HOLD
Q
SVCC
W
AI01790D
M95xxx
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39