| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO6041HDFPR bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6041HDFPR bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 52 page ![]() 8 Detailed Description 8.1 Overview The ISO604x family of devices have an edge based scheme to transmit the digital data across a silicon dioxide based isolation barrier. The digital input signal (IN) of the device is sampled by a transmitter and at every data edge the transmitter sends a corresponding differential signal across the isolation barrier. When the input signal is static, the refresh logic periodically sends the necessary differential signal from the transmitter. On the other side of the isolation barrier, the receiver converts the differential signal into a single-ended signal which is output on the OUT pin through a buffer. If the receiver does not receive a data or refresh signal, the timeout logic detects the loss of signal or power from the input side and drives the output to the default level. 8.2 Functional Block Diagram Refresh Logic INx Differential Signal Transmitter Receiver Single-ended Signal OUTx Timeout Logic ENx Figure 8-1. Conceptual Block Diagram of an Edge Based Digital Isolator ISO6041 SLLSFV3A – DECEMBER 2025 – REVISED MARCH 2026 www.ti.com 28 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: ISO6041 |