công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F10DMGLFB bảng dữ liệu(PDF) 96 Page - Renesas Technology Corp

tên linh kiện R5F10DMGLFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMGLFB bảng dữ liệu(HTML) 96 Page - Renesas Technology Corp

Back Button R5F10DMGLFB Datasheet HTML 92Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 93Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 94Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 95Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 96Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 97Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 98Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 99Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 96 of 135
Mar 31, 2026
4.2.2 Product group B
TA = -40 to +105
°C, 2.7 V ≤ VDD ≤ 5.5 V, VSS = 0 V
Parameter
Symbols
Conditions
Typ.
Max.
Unit
Supply current,
run mode
IDD1 Note 1
High speed
MAIN RUN
Note 2, 3, 4, 5
fCLK = 24 MHz
fHOCO = 24 MHz
4.7
20
mA
fHOCO = 4 MHz with PLL
fX = 4 MHz with PLL
fX = 8 MHz with PLL
fCLK = 20 MHz
fX = 20 MHz
4.3
17.5
mA
fCLK = 8 MHz
fHOCO = 8 MHz
2.4
12
mA
fX = 8 MHz
fCLK = 4 MHz
fHOCO = 4 MHz
1.8
9.5
mA
fX = 4 MHz
SUB RUN
Note 2, 3, 6
fCLK = fXT = 32.768 kHz
7
560
μA
Notes 1.
The common condition for IDD1:
- IDD includes the total current flowing into whole power pins, including the input leakage current flowing
when the level of the input pin is fixed to VDD or VSS.
- The program is running in the code flash.
2.
The typical value is that when TA = +25
°C and VDD = 5.0 V. Peripheral devices and the data flash are
stopped.
3.
The maximum value is that when all peripheral devices are operating. But the A/D converter, RTC, LCD
circuit and stepper motor circuit are stopped, and the data flash and the code flash are stated to read mode.
The 16-bit wakeup timer operates with fLOCO.
4.
In case of IDD1 of “fX = 4/8 MHz with PLL”, the high speed on-chip oscillator (HOCO) is stopped.
5.
At 128-pin products, the value of IDD1 does not include the LCDB (P11x, P46-7) pin toggle current.
IDD1 condition of LCDB macro is fCLK = 24MHz, mod8 mode, data rate = 6MHz, 4 cycle, 16 bit write/read.
6.
fX and fHOCO are stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com