| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS2803L15F bảng dữ liệu(PDF) 3 Page - Globaltech Semiconductor Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
GS2803L15F bảng dữ liệu(HTML) 3 Page - Globaltech Semiconductor Co.,Ltd |
|
3 / 13 page ![]() 3 www.gs-power.com Marking Information SOT-23/SOT-23-5L (Z/L Type) DFN1x1-4L (F Type) SOT-23 SOT-23-5L Marking DFN1x1-4L Marking Output Voltage GS2803Z10F GS2803L10F CGNXWG GS2803F10F GN 1.0V GS2803Z12F GS2803L12F CGDXWG GS2803F12F GD 1.2V GS2803Z15F GS2803L15F CGGXWG GS2803F15F GG 1.5V GS2803Z18F GS2803L18F CGFXWG GS2803F18F GF 1.8V GS2803Z20F GS2803L20F CGLYWG GS2803F20F GL 2.0V GS2803Z22F GS2803L22F CGMYWG GS2803F22F GM 2.2V GS2803Z25F GS2803L25F CGHYWG GS2803F25F GH 2.5V GS2803Z28F GS2803L28F CGJXWG GS2803F28F GJ 2.8V GS2803Z30F GS2803L30F CGQXWG GS2803F30F GQ 3.0V GS2803Z33F GS2803L33F CGRXWG GS2803F33F GR 3.3V GS2803Z35F GS2803L35F CGTXWG GS2803F35F GT 3.5V Absolute Maximum Ratings (TA=25°C unless otherwise specified) Symbol Parameter Max Units VIN Power Supply Voltage 6.0 V VEN Enable Voltage 6.0 V VOUT Output Voltage -0.3 to VIN V IOUT Output Current 250 mA PD Power Dissipation SOT-23-5L 600 mW SOT-23 560 DFN1x1-4L 340 TSTG Storage Temperature Accuracy -40 to 125 °C TA Operating Temperature Range -40 to 85 °C TOPA Operating Ambient Temperature Range -40 to 85 °C TLEAD Lead Temperature(soldering) 5sec. 260 °C θJA Thermal Resistance Junction to Ambient SOT-23-5L 166 °C/W SOT-23 179 DFN1x1-4L 294 HBM ESD Rating(Human Body Model) 4 KV |