| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F10CMDCLFB bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10CMDCLFB bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp |
|
42 / 139 page ![]() RL78/D1A 2. PIN FUNCTIONS R01DS0463EJ0120 Rev. 1.20 Page 42 of 135 Mar 31, 2026 (2/6) Function Name I/O Function 48-pin 64-pin 80-pin 100-pin 128-pin R5F10CGx/ R5F10DGx R5F10CLx/ R5F10DLx R5F10CMx/ R5F10DMx R5F10TPx/ R5F10DPx R5F10DSx SEG27 Output LCD segment output 27 18 23 29 39 24, 18 SEG28 LCD segment output 28 − 22 28 38 23, 17 SEG29 LCD segment output 29 17 21 27 37 22, 16 SEG30 LCD segment output 30 16 20 26 36 21, 15 SEG31 LCD segment output 31 15 19 25 35 20, 14 SEG32 LCD segment output 32 47 63 80 95 88, 13 SEG33 LCD segment output 33 46 62 79 94 87, 12 SEG34 LCD segment output 34 45 61 78 93 86, 11 SEG35 LCD segment output 35 44 60 77 92 85, 10 SEG36 LCD segment output 36 − 57 74 89 82, 92 SEG37 LCD segment output 37 − 56 73 88 81, 91 SEG38 LCD segment output 38 − 55 72 87 80, 90 SEG39 LCD segment output 39 − 54 71 86 79, 89 SEG40 LCD segment output 40 41 53 70 85 78 SEG41 LCD segment output 41 40 52 69 84 77 SEG42 LCD segment output 42 39 51 68 83 76 SEG43 LCD segment output 43 38 50 67 82 75 SEG44 LCD segment output 44 37 49 64 79 72, 68 SEG45 LCD segment output 45 − − 63 78 71, 67 SEG46 LCD segment output 46 − − 62 77 70, 66 SEG47 LCD segment output 47 − − 61 76 69, 65 SEG48 LCD segment output 48 − − − 75 64 SEG49 LCD segment output 49 − − − 74 63 SEG50 LCD segment output 50 − − − 73 62 SEG51 LCD segment output 51 − − − 72 61 SEG52 LCD segment output 52 − − − 71 60 SEG53 LCD segment output 53 − − − − 59 TI00 Input External count clock input/ capture trigger to 16-bit timer 00 to 07 23 34 42 75, 52 40, 64,10 TI01 22, 37, 47 63, 49, 33 80, 64, 41 95, 79, 51 39, 88, 72, 68 TI02 − 32 40 74, 50 35, 63, 67, 11 TI03 46 62, 7, 31 79, 63,11,39 94, 78, 49, 13 34, 87, 71, 116 TI04 − 30 38 48, 73 33, 62, 12, 101 TI05 45 61, 29 78, 62, 37 93, 77, 47 32, 86, 70, 66 TI06 − − 36 46, 72 31, 61, 65, 13 TI07 44 60, 28 77, 61, 35 92, 76, 45 30, 85, 69, 14 TO00 Output 16-bit timer 00 to 07 output 23 34 42 75, 52 40, 64, 10 TO01 22, 37, 47 63, 49, 33 80, 64, 41 95, 79, 51 39, 88, 72, 68 TO02 − 32 40 74, 50 35, 63, 67, 11 TO03 46 62, 7, 31 79, 63, 11, 39 94, 78, 49, 13 34, 87, 71, 116 TO04 − 30 38 48, 73 33, 62, 12, 101 TO05 45 61, 29 78, 62, 37 93, 77, 47 32, 86, 70, 66 TO06 − − 36 46, 72 31, 61, 65, 13 TO07 44 60, 28 77, 61, 35 92, 76, 45 30, 85, 69, 14 |